Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ20ET1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ20ET1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ20ET1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ20ET1G Datasheet HTML 1Page - ON Semiconductor MMSZ20ET1G Datasheet HTML 2Page - ON Semiconductor MMSZ20ET1G Datasheet HTML 3Page - ON Semiconductor MMSZ20ET1G Datasheet HTML 4Page - ON Semiconductor MMSZ20ET1G Datasheet HTML 5Page - ON Semiconductor MMSZ20ET1G Datasheet HTML 6Page - ON Semiconductor MMSZ20ET1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMSZ2V4ET1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device
Device
Marking
VZ1 (V)
(Notes 4 and 5)
ZZT1
(Note 6)
VZ2 (V)
(Notes 4 and 5)
ZZT2
(Note 6)
Max Reverse
Leakage Current
@ IZT1 = 5 mA
@ IZT2 = 1 mA
IR @ VR
Min
Nom
Max
W
Min
Max
W
mA
V
MMSZ2V4ET1, G
CL1
2.28
2.4
2.52
100
1.7
2.1
600
50
1
MMSZ2V7ET1, G
CL2
2.57
2.7
2.84
100
1.9
2.4
600
20
1
MMSZ3V0ET1
CL3
2.85
3.0
3.15
95
2.1
2.7
600
10
1
MMSZ3V3ET1, G
CL4
3.14
3.3
3.47
95
2.3
2.9
600
5
1
MMSZ3V6ET1, G
CL5
3.42
3.6
3.78
90
2.7
3.3
600
5
1
MMSZ3V9ET1, G
CL6
3.71
3.9
4.10
90
2.9
3.5
600
3
1
MMSZ4V3ET1
CL7
4.09
4.3
4.52
90
3.3
4.0
600
3
1
MMSZ4V7ET1
CL8
4.47
4.7
4.94
80
3.7
4.7
500
3
2
MMSZ5V1ET1, G
CL9
4.85
5.1
5.36
60
4.2
5.3
480
2
2
MMSZ5V6ET1
CM1
5.32
5.6
5.88
40
4.8
6.0
400
1
2
MMSZ6V2ET1
CM2
5.89
6.2
6.51
10
5.6
6.6
150
3
4
MMSZ6V8ET1
CM3
6.46
6.8
7.14
15
6.3
7.2
80
2
4
MMSZ7V5ET1
CM4
7.13
7.5
7.88
15
6.9
7.9
80
1
5
MMSZ8V2ET1
CM5
7.79
8.2
8.61
15
7.6
8.7
80
0.7
5
MMSZ9V1ET1
CM6
8.65
9.1
9.56
15
8.4
9.6
100
0.5
6
MMSZ10ET1, G
CM7
9.50
10
10.50
20
9.3
10.6
150
0.2
7
MMSZ11ET1
CM8
10.45
11
11.55
20
10.2
11.6
150
0.1
8
MMSZ12ET1, G
CM9
11.40
12
12.60
25
11.2
12.7
150
0.1
8
MMSZ13ET1
CN1
12.35
13
13.65
30
12.3
14.0
170
0.1
8
MMSZ15ET1, G
CN2
14.25
15
15.75
30
13.7
15.5
200
0.05
10.5
MMSZ16ET1, G
CN3
15.20
16
16.80
40
15.2
17.0
200
0.05
11.2
MMSZ18ET1, G
CN4
17.10
18
18.90
45
16.7
19.0
225
0.05
12.6
MMSZ20ET1, G
CN5
19.00
20
21.00
55
18.7
21.1
225
0.05
14
MMSZ22ET1, G
CN6
20.90
22
23.10
55
20.7
23.2
250
0.05
15.4
MMSZ24ET1
CN7
22.80
24
25.20
70
22.7
25.5
250
0.05
16.8
4. The type numbers shown have a standard tolerance of
±5% on the nominal Zener Voltage.
5. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms.
6. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for
IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and
best overall value.
* The “G” suffix indicates Pb−Free package available.


Similar Part No. - MMSZ20ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ20ET1G ONSEMI-MMSZ20ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ20ET1G ONSEMI-MMSZ20ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
More results

Similar Description - MMSZ20ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com