Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMT10B230T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMT10B230T3
Description  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT10B230T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MMT10B230T3 Datasheet HTML 1Page - ON Semiconductor MMT10B230T3 Datasheet HTML 2Page - ON Semiconductor MMT10B230T3 Datasheet HTML 3Page - ON Semiconductor MMT10B230T3 Datasheet HTML 4Page - ON Semiconductor MMT10B230T3 Datasheet HTML 5Page - ON Semiconductor MMT10B230T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMT10B230T3, MMT10B260T3, MMT10B310T3
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Off−State Voltage − Maximum
MMT10B230T3
MMT10B260T3
MMT10B310T3
VDM
"170
"200
"270
V
Maximum Pulse Surge Short Circuit Current Non−Repetitive
Double Exponential Decay Waveform
(Notes 1 and 2) (−20
°C to +65°C)
2 x 10
msec
10 x 700
msec
10 x 1000
msec
IPPS1
IPPS2
IPPS3
"500
"180
"100
A(pk)
Maximum Non−Repetitive Rate of Change of On−State Current
Double Exponential Waveform,
R = 2.0, L = 1.5
mH, C = 1.67 mF,
Ipk = 110A
di/dt
"100
A/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Allow cooling before testing second polarity.
2. Measured under pulse conditions to reduce heating.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Operating Temperature Range
Blocking or Conducting State
TJ1
−40 to + 125
°C
Overload Junction Temperature − Maximum Conducting State Only
TJ2
+ 175
°C
Instantaneous Peak Power Dissipation (Ipk = 100 A, 10x1000 msec @ 25°C)
PPK
4000
W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ORDERING INFORMATION
Device
Package
Shipping
MMT10B230T3
SMB
(12mm) Tape & Reel
2500 Units per Reel
MMT10B230T3G
SMB
(Pb−Free)
MMT10B260T3
SMB
MMT10B260T3G
SMB
(Pb−Free)
MMT10B310T3
SMB
MMT10B310T3G
SMB
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MMT10B230T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT10B230T3 ONSEMI-MMT10B230T3 Datasheet
48Kb / 6P
   Thyristor Surge Protectors
March, 2004 ??Rev. 7
More results

Similar Description - MMT10B230T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com