Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14012BCP Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC14012BCP
Description  B?뭆uffix Series CMOS Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14012BCP Datasheet(HTML) 2 Page - ON Semiconductor

  MC14012BCP Datasheet HTML 1Page - ON Semiconductor MC14012BCP Datasheet HTML 2Page - ON Semiconductor MC14012BCP Datasheet HTML 3Page - ON Semiconductor MC14012BCP Datasheet HTML 4Page - ON Semiconductor MC14012BCP Datasheet HTML 5Page - ON Semiconductor MC14012BCP Datasheet HTML 6Page - ON Semiconductor MC14012BCP Datasheet HTML 7Page - ON Semiconductor MC14012BCP Datasheet HTML 8Page - ON Semiconductor MC14012BCP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC14012B
http://onsemi.com
2
1
13
3
4
5
2
10
11
12
9
NC = 6, 8
VDD = PIN 14
VSS = PIN 7
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 2B
IN 3B
IN 4B
OUTB
VDD
NC
IN 1B
IN 3A
IN 2A
IN 1A
OUTA
VSS
NC
IN 4A
MC14012B
Dual 4−Input NAND Gate
NC = NO CONNECTION
Figure 1. Pin Assignment
Figure 2. Logic Diagram
ORDERING INFORMATION
Device
Package
Shipping
MC14012BCP
PDIP−14
25 Units / Rail
MC14012BCPG
PDIP−14
(Pb−Free)
MC14012BD
SOIC−14
55 Units / Rail
MC14012BDG
SOIC−14
(Pb−Free)
MC14012BDR2
SOIC−14
2500 Units / Tape & Reel
MC14012BDR2G
SOIC−14
(Pb−Free)
MC14012BFEL
SOEIAJ−14
2000 Units / Tape & Reel
MC14012BFELG
SOEIAJ−14
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC14012BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14012BCP ONSEMI-MC14012BCP Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
logo
Motorola, Inc
MC14012BCP MOTOROLA-MC14012BCP Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14012BCPG ONSEMI-MC14012BCPG Datasheet
127Kb / 8P
   Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
More results

Similar Description - MC14012BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB_06 Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com