Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2TPMI334L10.6GXXOAV Datasheet(PDF) 6 Page - PerkinElmer Optoelectronics

Part # A2TPMI334L10.6GXXOAV
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI334L10.6GXXOAV Datasheet(HTML) 6 Page - PerkinElmer Optoelectronics

Back Button A2TPMI334L10.6GXXOAV Datasheet HTML 2Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 3Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 9Page - PerkinElmer Optoelectronics A2TPMI334L10.6GXXOAV Datasheet HTML 10Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 6 of 21
Rev. Oct 2003
Electrical Characteristics (continued)
Symbol Parameter
Min
Typ
Max
Unit
Conditions
VoL
Low level output voltage
0.5
V
Output current
£ 2mA
VoH
High level output voltage
VDD-
0.6V
V
output current
³ -2mA
Reference Voltage
VRef
Reference voltage
1.223
1.225
1.227
V
RL > 1MW, TA = 25°C
TCVRef
Temperature coefficient of refer-
ence voltage
±30
±100
ppm K
-1
AC Characteristics
Unless otherwise indicated, all limits specified for TA = 25°C, VDD = +5V
Symbol Parameter
Min
Typ
Max
Unit
Conditions
InN
V1 Input referred voltage noise
120
nV/
ÖHz rms value
tStrt
Response Time after Power On
1
s
tlat
Latency time for VTobj
75
ms
tresp
Response Time
90
150
ms
Thermopile Characteristics
Symbol Parameter
Min
Typ
Max
Unit
Conditions
3-type chip (TPS 33x)
S
Sensitive (absorber) area
0.7x0.7
mm
2
N
Noise voltage
38
nV/
ÖHz
t
Time constant
25
ms
VTobj / VTamb Characteristics
The VTobj and the VTamb characteristics of thermopile sensors depends not only on object and ambient
temperature but on several other factors like object size to spot size relation, ambient temperature com-
pensation behaviour or optical filter characteristics. Therefore it is not possible to specify a general VTobj
and VTamb characteristic. Those characteristics will be specified application specific in a separate cus-
tomer specification.


Similar Part No. - A2TPMI334L10.6GXXOAV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI334L10.6GXXOAV

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com