Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2213LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMUN2213LT1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2213LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMUN2213LT1 Datasheet HTML 1Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 2Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 3Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 4Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 5Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 6Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 7Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 8Page - ON Semiconductor MMUN2213LT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 7
Publication Order Number:
MMUN2211LT1/D
MMUN2211LT1 Series
Preferred Devices
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base-emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the
SOT-23 package which is designed for low power surface mount
applications.
Features
Simplifies Circuit Design
Reduces Board Space and Component Count
Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
246 (Note 1)
400 (Note 2)
1.5 (Note 1)
2.0 (Note 2)
mW
°C/W
Thermal Resistance, Junction-to-Ambient
RqJA
508 (Note 1)
311 (Note 2)
°C/W
Thermal Resistance, Junction-to-Lead
RqJL
174 (Note 1)
208 (Note 2)
°C/W
Junction and Storage Temperature
Range
TJ, Tstg
− 55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−4 @ minimum pad
2. FR−4 @ 1.0 x 1.0 inch pad
SOT−23
CASE 318
STYLE 6
MARKING DIAGRAM
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
A8x M
G
G
1
A8x
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MMUN2213LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMUN2213LT1 MOTOROLA-MMUN2213LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Leshan Radio Company
MMUN2213LT1 LRC-MMUN2213LT1 Datasheet
146Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2213LT1 ONSEMI-MMUN2213LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
MMUN2213LT1G ONSEMI-MMUN2213LT1G Datasheet
177Kb / 18P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor
October, 2010 ??Rev. 11
MMUN2213LT1G ONSEMI-MMUN2213LT1G Datasheet
141Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
August, 2012 ??Rev. 0
More results

Similar Description - MMUN2213LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com