Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14066B Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14066B
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066B Datasheet(HTML) 1 Page - ON Semiconductor

  MC14066B_06 Datasheet HTML 1Page - ON Semiconductor MC14066B_06 Datasheet HTML 2Page - ON Semiconductor MC14066B_06 Datasheet HTML 3Page - ON Semiconductor MC14066B_06 Datasheet HTML 4Page - ON Semiconductor MC14066B_06 Datasheet HTML 5Page - ON Semiconductor MC14066B_06 Datasheet HTML 6Page - ON Semiconductor MC14066B_06 Datasheet HTML 7Page - ON Semiconductor MC14066B_06 Datasheet HTML 8Page - ON Semiconductor MC14066B_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC14066B/D
MC14066B
Quad Analog Switch/Quad
Multiplexer
The MC14066B consists of four independent switches capable of
controlling either digital or analog signals. This quad bilateral switch
is useful in signal gating, chopper, modulator, demodulator and
CMOS logic implementation.
The MC14066B is designed to be pin−for−pin compatible with the
MC14016B, but has much lower ON resistance. Input voltage swings
as large as the full supply voltage can be controlled via each
independent control input.
Features
Triple Diode Protection on All Control Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Linearized Transfer Characteristics
Low Noise − 12 nV/√Cycle, f ≥ 1.0 kHz typical
Pin−for−Pin Replacement for CD4016, CD4016, MC14016B
For Lower RON, Use The HC4066 High−Speed CMOS Device
Pb−Free Packages are Available
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin, Vout Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD + 0.5
V
Iin
Input Current (DC or Transient)
per Control Pin
± 10
mA
ISW
Switch Through Current
± 25
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
MARKING
DIAGRAMS
1
14
PDIP−14
P SUFFIX
CASE 646
MC14066BCP
AWLYYWWG
SOIC−14
D SUFFIX
CASE 751A
TSSOP−14
DT SUFFIX
CASE 948G
1
14
14066BG
AWLYWW
14
066B
ALYWG
G
1
14
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
SOEIAJ−14
F SUFFIX
CASE 965
1
14
MC14066B
ALYWG
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - MC14066B_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14066BCP ONSEMI-MC14066BCP Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066BD ONSEMI-MC14066BD Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066BDG ONSEMI-MC14066BDG Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC14066BDR2 ONSEMI-MC14066BDR2 Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066BDR2G ONSEMI-MC14066BDR2G Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
More results

Similar Description - MC14066B_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com