Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY8008 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BY8008
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8008 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BY8008 Datasheet HTML 2Page - NXP Semiconductors BY8008 Datasheet HTML 3Page - NXP Semiconductors BY8008 Datasheet HTML 4Page - NXP Semiconductors BY8008 Datasheet HTML 5Page - NXP Semiconductors BY8008 Datasheet HTML 6Page - NXP Semiconductors BY8008 Datasheet HTML 7Page - NXP Semiconductors BY8008 Datasheet HTML 8Page - NXP Semiconductors BY8008 Datasheet HTML 9Page - NXP Semiconductors BY8008 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1996 May 24
8
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8000 series
BY8014.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
Fig.14 Forward current as a function of maximum
forward voltage.
handbook, halfpage
0
100
200
0
40
MBD310
80
120
160
20
40
60
80
V
(V)
F
I F
(mA)
120
BY8016.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
Fig.15 Forward current as a function of maximum
forward voltage.
handbook, halfpage
0
200
200
0
40
MBD312
80
120
160
40
80
120
160
V
(V)
F
I F
(mA)
Fig.16 Reverse recovery definitions.
handbook, halfpage
90%
10%
tf
Q
dI
dt
t
IF
IR
MRC129 - 1
F
r


Similar Part No. - BY8008

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BY8004 EIC-BY8004 Datasheet
83Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
BY8006 EIC-BY8006 Datasheet
69Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
More results

Similar Description - BY8008

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com