Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14067BDWG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC14067BDWG
Description  Analog Multiplexers / Demultiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14067BDWG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC14067BDWG Datasheet HTML 2Page - ON Semiconductor MC14067BDWG Datasheet HTML 3Page - ON Semiconductor MC14067BDWG Datasheet HTML 4Page - ON Semiconductor MC14067BDWG Datasheet HTML 5Page - ON Semiconductor MC14067BDWG Datasheet HTML 6Page - ON Semiconductor MC14067BDWG Datasheet HTML 7Page - ON Semiconductor MC14067BDWG Datasheet HTML 8Page - ON Semiconductor MC14067BDWG Datasheet HTML 9Page - ON Semiconductor MC14067BDWG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC14067B
http://onsemi.com
8
APPLICATIONS INFORMATION
Figure A illustrates use of the Analog Multiplexer /
Demultiplexer. The 0−to−5 V Digital Control signal is used
to directly control a 5 Vp−p analog signal.
The digital control logic levels are determined by VDD
and VSS. The VDD voltage is the logic high voltage; the VSS
voltage is logic low. For the example. VDD = + 5 V = logic
high at the control inputs; VSS = GND = 0 V = logic low.
The maximum analog signal level is determined by VDD
and VSS. The analog voltage must swing neither higher than
VDD nor lower than VSS. The example shows a 5 Vp−p
signal which allows no margin at either peak. If voltage
transients above VDD and/or below VSS are anticipated on
the analog channels, external diodes (Dx) are recommended
as shown in Figure B. These diodes should be small signal
types able to absorb the maximum anticipated current surges
during clipping.
The absolute maximum potential difference between VDD
and VSS is 18.0 volts. Most parameters are specified up to
15 V which is the recommended maximum difference
between VDD and VSS.
Figure A. Application Example
+5 V
VDD
VSS
5 Vp−p
ANALOG SIGNAL
0−TO−5 V DIGITAL
CONTROL SIGNALS
SWITCH
I/O
MC14067B
COMMON
O/I
5 Vp−p
ANALOG SIGNAL
+5.0 V
+
2.5 V
GND
+5 V
EXTERNAL
CMOS
DIGITAL
CIRCUITRY
Figure B. External Germanium or Schottky Clipping Diodes
VDD
VDD
VSS
VSS
DX
DX
DX
DX
SWITCH
I/O
COMMON
O/I


Similar Part No. - MC14067BDWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067BDWG ONSEMI-MC14067BDWG Datasheet
143Kb / 9P
   Analog Multiplexers / Demultiplexers
May, 2013 ??Rev. 8
More results

Similar Description - MC14067BDWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com