Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14174BCP Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14174BCP
Description  Hex Type D Flip?묯lop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14174BCP Datasheet(HTML) 1 Page - ON Semiconductor

  MC14174BCP Datasheet HTML 1Page - ON Semiconductor MC14174BCP Datasheet HTML 2Page - ON Semiconductor MC14174BCP Datasheet HTML 3Page - ON Semiconductor MC14174BCP Datasheet HTML 4Page - ON Semiconductor MC14174BCP Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MC14174B/D
MC14174B
Hex Type D Flip−Flop
The MC14174B hex type D flip−flop is constructed with MOS
P−channel and N−channel enhancement mode devices in a single
monolithic structure. Data on the D inputs which meets the setup time
requirements is transferred to the Q outputs on the positive edge of the
clock pulse. All six flip−flops share common clock and reset inputs.
The reset is active low, and independent of the clock.
Features
Static Operation
All Inputs and Outputs Buffered
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load Over the Rated Temperature Range
Functional Equivalent to TTL 74174
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
− 0.5 to VDD
+ 0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation, per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
− 65 to +150
°C
Lead Temperature (8−Second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: Plastic “P and D/DW”
Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MC14174BCP
PDIP−16
25 Units/Rail
MC14174BD
SOIC−16
48 Units/Rail
MC14174BDR2
SOIC−16
2500/Tape & Reel
http://onsemi.com
MC14174BDR2G
SOIC−16
(Pb−Free)
2500/Tape & Reel
MC14174BDG
SOIC−16
(Pb−Free)
48 Units/Rail
MC14174BCPG
PDIP−16
(Pb−Free)
25 Units/Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A
= Assembly Location
WL
= Wafer Lot
YY, Y = Year
WW
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
SOIC−16
D SUFFIX
CASE 751B
1
16
14174BG
AWLYWW
16
1
MC14174BCP
AWLYYWWG
1
1


Similar Part No. - MC14174BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14174BCP ONSEMI-MC14174BCP Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
MC14174BCP ONSEMI-MC14174BCP Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
MC14174BCPG ONSEMI-MC14174BCPG Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174BCPG ONSEMI-MC14174BCPG Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results

Similar Description - MC14174BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176_06 Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC14175B ONSEMI-MC14175B_06 Datasheet
123Kb / 6P
   Quad Type D Flip?묯lop
June, 2006 ??Rev. 6
MC74AC174 ONSEMI-MC74AC174 Datasheet
225Kb / 9P
   Hex D Flip?묯lop with Master Reset
June, 2006 ??Rev. 7
MC14013B ONSEMI-MC14013B_06 Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC10H186 ONSEMI-MC10H186_06 Datasheet
149Kb / 5P
   Hex D Master?뭆lave Flip?묯lop with Reset
February, 2006 ??Rev. 7
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
MC74AC273 ONSEMI-MC74AC273_05 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC10H131 ONSEMI-MC10H131_06 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com