Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14093B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14093B
Description  Quad 2?묲nput NAND Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14093B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14093B Datasheet HTML 1Page - ON Semiconductor MC14093B Datasheet HTML 2Page - ON Semiconductor MC14093B Datasheet HTML 3Page - ON Semiconductor MC14093B Datasheet HTML 4Page - ON Semiconductor MC14093B Datasheet HTML 5Page - ON Semiconductor MC14093B Datasheet HTML 6Page - ON Semiconductor MC14093B Datasheet HTML 7Page - ON Semiconductor MC14093B Datasheet HTML 8Page - ON Semiconductor MC14093B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC14093B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ (5)
Max
Unit
Output Rise Time
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH, tPHL
5.0
10
15
125
50
40
250
100
80
ns
5. Data labeled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
OUTPUT
CL
VSS
7
14
INPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
tPLH
tPHL
OUTPUT
INPUT
tTHL
tTLH
90%
50%
10%
90%
50%
10%
Vout
Vin
VH
VDD
VSS
VDD
VSS
(a) Schmitt Triggers will square up
(a) inputs with slow rise and fall times.
(b) A Schmitt trigger offers maximum
(b) noise immunity in gate applications.
VH
Vout
Vin
VDD
VSS
VDD
VSS
Figure 2. Typical Schmitt Trigger Applications


Similar Part No. - MC14093B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14093B ONSEMI-MC14093B Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14093B MOTOROLA-MC14093B Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
logo
ON Semiconductor
MC14093B ONSEMI-MC14093B Datasheet
141Kb / 8P
   Quad 2-Input
August, 2014 ??Rev. 10
MC14093BCP ONSEMI-MC14093BCP Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093BD ONSEMI-MC14093BD Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
More results

Similar Description - MC14093B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com