Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14516B Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC14516B
Description  Binary Up/Down Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC14516B_06 Datasheet HTML 3Page - ON Semiconductor MC14516B_06 Datasheet HTML 4Page - ON Semiconductor MC14516B_06 Datasheet HTML 5Page - ON Semiconductor MC14516B_06 Datasheet HTML 6Page - ON Semiconductor MC14516B_06 Datasheet HTML 7Page - ON Semiconductor MC14516B_06 Datasheet HTML 8Page - ON Semiconductor MC14516B_06 Datasheet HTML 9Page - ON Semiconductor MC14516B_06 Datasheet HTML 10Page - ON Semiconductor MC14516B_06 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC14516B
http://onsemi.com
9
Figure 4. Programmable Cascaded Frequency Divider
NOTE: The programmable frequency divider can be set by applying the desired divide ratio, in binary, to the preset inputs. For example,
the maximum divide ratio of 255 may be obtained by applying a 1111 1111 to the preset inputs P0 to P7. For this divide operation,
both counters should be configured in the count down mode. The divide ratio of zero is an undefined state and should be avoided.
BUFFER
fout
M.S.D.
MC14516B
L.S.D.
MC14516B
THUMBWHEEL SWITCHES
(OPEN FOR 0")
+VDD
+VDD
Cout
+VDD
OPEN = COUNT
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q0
Q1
Q2
Q3
P0
P1
P2
P3
P0
P1
P2
P3
PE
R
U/D
CLOCK
Cin
Cout
Q0
Q1
Q2
Q3
P0
P1
P2
P3
PE
R
U/D
CLOCK
Cin
P4
P5
P6
P7
CLOCK (fin)
RESET
RESISTORS = 10 kW
fout = finn


Similar Part No. - MC14516B_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14516BCP ONSEMI-MC14516BCP Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516BD ONSEMI-MC14516BD Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516BDG ONSEMI-MC14516BDG Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
MC14516BDR2 ONSEMI-MC14516BDR2 Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516BDR2G ONSEMI-MC14516BDR2G Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
More results

Similar Description - MC14516B_06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com