Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14503BFELG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14503BFELG
Description  Hex Non?묲nverting 3?뭆tate Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14503BFELG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14503BFELG Datasheet HTML 1Page - ON Semiconductor MC14503BFELG Datasheet HTML 2Page - ON Semiconductor MC14503BFELG Datasheet HTML 3Page - ON Semiconductor MC14503BFELG Datasheet HTML 4Page - ON Semiconductor MC14503BFELG Datasheet HTML 5Page - ON Semiconductor MC14503BFELG Datasheet HTML 6Page - ON Semiconductor MC14503BFELG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14503B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 6) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
VCC
All Types
Unit
Typ
(Note 7)
Max
Output Rise Time
tTLH = (0.5 ns/pF) CL + 20 ns
tTLH = (0.3 ns/pF) CL + 8.0 ns
tTLH = (0.2 ns/pF) CL + 8.0 ns
tTLH
5.0
10
15
45
23
18
90
45
35
ns
Output Fall Time
tTHL = (0.5 ns/pF) CL + 20 ns
tTHL = (0.3 ns/pF) CL + 8.0 ns
tTHL = (0.2 ns/pF) CL + 8.0 ns
tTHL
5.0
10
15
45
23
18
90
45
35
ns
Turn−Off Delay Time, all Outputs
tPLH = (0.3 ns/pF) CL + 60 ns
tPLH = (0.15 ns/pF) CL + 27 ns
tPLH = (0.1 ns/pF) CL + 20 ns
tPLH
5.0
10
15
75
35
25
150
70
50
ns
Turn−On Delay Time, all Outputs
tPHL = (0.3 ns/pF) CL + 60 ns
tPHL = (0.15 ns/pF) CL + 27 ns
tPHL = (0.1 ns/pF) CL + 20 ns
tPHL
5.0
10
15
75
35
25
150
70
50
ns
3−State Propagation Delay Time
Output “1” to High Impedance
tPHZ
5.0
10
15
75
40
35
150
80
70
ns
Output “0” to High Impedance
tPLZ
5.0
10
15
80
40
35
160
80
70
ns
High Impedance to “1” Level
tPZH
5.0
10
15
65
25
20
130
50
40
ns
High Impedance to “0” Level
tPZL
5.0
10
15
100
35
25
200
70
50
ns
6. The formulas given are for the typical characteristics only at 25
_C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Test Circuit and Waveforms
(tTLH, tTHL, tPHL, and tPLH)
PULSE
GENERATOR
DISABLE
INPUT
INPUT
VDD
16
VSS
CL
OUTPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
tPHL
tTHL
tTLH
tPLH
90%
50%
10%
OUTPUT
INPUT
tPLH
tPHL
90%
50%
10%


Similar Part No. - MC14503BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503BFELG ONSEMI-MC14503BFELG Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
More results

Similar Description - MC14503BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
71Kb / 7P
   1?뭥f?? Non?묲nverting Demultiplexer with 3?뭆tate Deselected Output
November, 2006 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com