Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1425LK-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1425LK-T
Description  High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1425LK-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1425LK-T Datasheet HTML 1Page - Allegro MicroSystems A1425LK-T Datasheet HTML 2Page - Allegro MicroSystems A1425LK-T Datasheet HTML 3Page - Allegro MicroSystems A1425LK-T Datasheet HTML 4Page - Allegro MicroSystems A1425LK-T Datasheet HTML 5Page - Allegro MicroSystems A1425LK-T Datasheet HTML 6Page - Allegro MicroSystems A1425LK-T Datasheet HTML 7Page - Allegro MicroSystems A1425LK-T Datasheet HTML 8Page - Allegro MicroSystems A1425LK-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
A1425
A1425a-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
• Senses motion of ring magnet or ferrous targets
• Integrated filter capacitor
• Wide operating temperature range
Operation with magnetic input signal frequency from 20 Hz to 20 kHz
• Resistant to EMI
• Large effective air gaps
• 4.0 to 26.5 V supply operating range
• Output compatible with both TTL and CMOS logic families
• Reverse battery protection
• Resistant to mechanical and thermal stress
• Accurate true zero crossing switchpoint
The A1425 ac-coupled Hall-effect sensor is a monolithic integrated circuit that
switches in response to changing differential magnetic fields created by rotating
ring magnets and, when coupled with a magnet, by ferrous targets. The device is
a true zero-crossing detector: the output switches precisely when the difference in
magnetic field strength between the two Hall elements is zero. A unique dual-com-
parator scheme provides for accurate switching at the zero crossing on both the
positive and negative-going regions of the differential signal, while utilizing hys-
teresis to prevent false switching. The zero-crossing nature of this device provides
excellent repeatability and accuracy for crankshaft applications.
Changes in field strength at the device face, which are induced by a moving
target, are sensed by the two integrated Hall transducers. The transducers generate
signals that are differentially amplified by on-chip electronics. This differential
sensing design provides immunity to radial vibration within the operating air gap
range of the A1425, by rejection of the common mode signal. Steady-state magnet
and system offsets are eliminated using an on-chip differential band-pass filter.
This filter also provides relative immunity to interference from electromagnetic
sources.
The device utilizes advanced temperature compensation for the high-pass filter,
sensitivity, and Schmitt trigger switchpoints, to guarantee optimal operation to low
frequencies over a wide range of air gaps and temperatures.
Each Hall effect digital integrated circuit includes a voltage regulator, two Hall
effect sensing elements, temperature compensating circuitry, a low-level amplifier,
band-pass filter, Schmitt trigger, and an output driver, which requires a pull-up
resistor. The on-board regulator permits operation with supply voltages from
4.0 to 26.5 V. The output stage can easily switch 20 mA over the full frequency
response range of the sensor, and is compatible with both TTL and CMOS logic
circuits.
The device is packaged in a 4-pin plastic SIP. The lead (Pb) free version (suffix
–T) has a 100% matte tin plated leadframe.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage*, VCC ........................................28 V
Reverse-Supply Voltage, VRCC........................–18 V
Continuous Output Current, IOUT ...................25 mA
Continuous Reverse-Output Current, IROUT.–50 mA
Operating Temperature
Ambient, TA................................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
*Refer to Power Derating section.
Package K, 4-pin SIP
Features and Benefits
1 2 3 4
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
and Dual Zero-Crossing Output Signal
1. VCC
2. VOUT
3. TEST
4. GND


Similar Part No. - A1425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425LK-T ALLEGRO-A1425LK-T Datasheet
409Kb / 13P
   High Accuracy Analog Speed Sensor IC with Integrated Filter
More results

Similar Description - A1425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
502Kb / 12P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
A1425 ALLEGRO-A1425_16 Datasheet
409Kb / 13P
   High Accuracy Analog Speed Sensor IC with Integrated Filter
A1425 ALLEGRO-A1425 Datasheet
411Kb / 13P
   High Accuracy Analog Speed Sensor IC with Integrated Filter
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
   High accuracy analog output dual axis position sensor
Version 2.0
logo
Allegro MicroSystems
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
List of Unclassifed Man...
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
   Automotive Sensor Signal Conditioner with Dual Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com