Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6710 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6710
Description  Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6710 Datasheet(HTML) 3 Page - Analog Devices

  ADM6710 Datasheet HTML 1Page - Analog Devices ADM6710 Datasheet HTML 2Page - Analog Devices ADM6710 Datasheet HTML 3Page - Analog Devices ADM6710 Datasheet HTML 4Page - Analog Devices ADM6710 Datasheet HTML 5Page - Analog Devices ADM6710 Datasheet HTML 6Page - Analog Devices ADM6710 Datasheet HTML 7Page - Analog Devices ADM6710 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
ADM6710
Rev. PrB | Page 3 of 8
SPECIFICATIONS
VIN2 = 1 V to 5.5 V, TA = −40ºC to 85ºC, unless otherwise stated. Typical values are VIN2 =3.0 V to 3.3 V, TA = +25ºC.
Table 1.
Parameter
Min
Typ
Max
Units
Test Conditions
VCC OPERATING VOLTAGE RANGE1
2.0
5.5
V
ADM6710Q only
VIN2 OPERATING VOLTAGE RANGE2
1.0
5.5
V
All devices except ADM6710Q; TA = 0ºC to +85ºC
1.2
5.5
V
All devices except ADM6710Q; TA = −40ºC to +85ºC
INX, INPUT CURRENT
25
40
μA
INX = nominal input voltage (for 1.8 V, 2.5 V and 5.0 V
supplies)
55
115
μA
IN2 = nominal input voltage (for 3.0 V and 3.3 V supplies).
The supply splits into 25 μA for the resistor divider and
30 μA for other circuits.
0.4
μA
VIN1 = 0 to 0.85 V (for adjustable thresholds)
0.2
μA
VIN3, V IN4 = 0 to .85 V (for adjustable thresholds)
ICC INPUT CURRENT
35
50
ADM6710Q only; VCC = 5.5 V
THRESHOLD VOLTAGE (VTH)
4.50
4.63
4.75
V
INX decreasing; 5 V (−5%)
4.25
4.38
4.50
V
INX decreasing; 5 V (−10%)
3.00
3.08
3.15
V
INX decreasing; 3.3 V (−5%)
2.85
2.93
3.00
V
INX decreasing; 3.3 V (−10%)
2.70
2.78
2.85
V
INX decreasing; 3.0 V (−5%)
2.55
2.63
2.70
V
INX decreasing; 3.0 V (−10%)
2.25
2.32
2.38
V
INX decreasing; 2.5 V (−5%)
2.13
2.19
2.25
V
INX decreasing; 2.5 V (−10%)
1.62
1.67
1.71
V
INX decreasing; 1.8 V (−5%)
1.53
1.58
1.62
V
INX decreasing; 1.8 V (−10%)
ADJUSTABLE THRESHOLD (VTH)
0.611
0.620
0.629
V
INX decreasing
RESET THRESHOLD HYSTERESIS (VHYST)
0.3
%VTH
INX increasing relative to INX decreasing
RESET THRESHOLD TEMPERATURE
COEFFICIENT (TCVTH)
60
ppm/°C
INX to RESET DELAY (tRP)
30
μs
VIN falling at 10 mV/μs from VTH to VTH − 50 mV
RESET TIMEOUT PERIOD (tRP)
140
200
280
ms
RESET OUTPUT LOW (VOL)
0.3
V
VIN2, VCC = 5 V, ISINK = 2 mA
0.4
V
VIN2, VCC = 2.5 V, ISINK = 1.2 mA
0.3
V
VIN2 = 1.0 , ISINK = 50 μA, TA = 0 ºC to +85 ºC
RESET OUTPUT HIGH (VOH)
0.8 × VCC
V
VCC ≥2.0 V, ISOURCE=6 μA, RESET deasserted (ADM6710Q only)
0.8 × VCC
V
VIN2 ≥2.0 V, ISOURCE=6 μA, RESET deasserted
RESET OUTPUT HIGH SOURCE
CURRENT (IOH)
10
μA
VIN2 ≥ 2.0 V, RESET deasserted
1 Note that the ADM6710Q is powered from VCC.
2 The RESET output is guaranteed to be in the correct state for IN1 or IN2 down to 1 V.


Similar Part No. - ADM6710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6710AARJZ-REEL7 AD-ADM6710AARJZ-REEL7 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
ADM6710BARJZ-REEL7 AD-ADM6710BARJZ-REEL7 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
ADM6710CARJZ-REEL7 AD-ADM6710CARJZ-REEL7 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
ADM6710DARJZ-REEL7 AD-ADM6710DARJZ-REEL7 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
ADM6710EARJZ-REEL7 AD-ADM6710EARJZ-REEL7 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
More results

Similar Description - ADM6710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com