Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY8112 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BY8112
Description  Very fast high-voltage soft-recovery controlled avalanche rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8112 Datasheet(HTML) 5 Page - NXP Semiconductors

  BY8112 Datasheet HTML 1Page - NXP Semiconductors BY8112 Datasheet HTML 2Page - NXP Semiconductors BY8112 Datasheet HTML 3Page - NXP Semiconductors BY8112 Datasheet HTML 4Page - NXP Semiconductors BY8112 Datasheet HTML 5Page - NXP Semiconductors BY8112 Datasheet HTML 6Page - NXP Semiconductors BY8112 Datasheet HTML 7Page - NXP Semiconductors BY8112 Datasheet HTML 8Page - NXP Semiconductors BY8112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1996 May 24
5
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8100 series
GRAPHICAL DATA
Fig.2
Maximum permissible average forward
current as a function of ambient temperature.
handbook, halfpage
20
0
0
MLB915
4
8
12
16
T
( C)
amb
o
100
200
I
(mA)
F(AV)
a = 1.57
a = 6.32
BY8104.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application; see Fig.18.
Fig.3
Maximum permissible average forward
current as a function of ambient temperature.
handbook, halfpage
10
0
0
MLB917
2
4
6
8
T
( C)
amb
o
100
200
I
(mA)
F(AV)
a = 1.57
a = 6.32
BY8106.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application; see Fig.18.
BY8108.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application; see Fig.18.
Fig.4
Maximum permissible average forward
current as a function of ambient temperature.
handbook, halfpage
5
0
0
MLB919
1
2
3
4
T
( C)
amb
o
100
200
I
(mA)
F(AV)
a = 1.57
a = 6.32
BY8110.
a=IF(RMS)/IF(AV); VR =VRWmax; Rth j-a ≤ 120 K/W.
a = 1.57: half sinewave.
a = 6.32: line output transformer application; see Fig.18.
Fig.5
Maximum permissible average forward
current as a function of ambient temperature.
handbook, halfpage
5
0
0
MLB921
1
2
3
4
T
( C)
amb
o
100
200
I
(mA)
F(AV)
a = 1.57
a = 6.32


Similar Part No. - BY8112

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY8 DIOTEC-BY8 Datasheet
110Kb / 1P
   High Voltage Si-Rectifiers
BY8 DIOTEC-BY8 Datasheet
45Kb / 1P
   High Voltage Si-Rectifiers
BY8 DIOTEC-BY8 Datasheet
98Kb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY8 TAYCHIPST-BY8 Datasheet
1Mb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
BY8 DIOTEC-BY8 Datasheet
109Kb / 2P
   High Voltage Silicon Rectifier Diodes
More results

Similar Description - BY8112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com