Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY9208 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY9208
Description  Ultra fast high-voltage soft-recovery controlled avalanche rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9208 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY9208 Datasheet HTML 1Page - NXP Semiconductors BY9208 Datasheet HTML 2Page - NXP Semiconductors BY9208 Datasheet HTML 3Page - NXP Semiconductors BY9208 Datasheet HTML 4Page - NXP Semiconductors BY9208 Datasheet HTML 5Page - NXP Semiconductors BY9208 Datasheet HTML 6Page - NXP Semiconductors BY9208 Datasheet HTML 7Page - NXP Semiconductors BY9208 Datasheet HTML 8Page - NXP Semiconductors BY9208 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Dec 04
2
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery
controlled avalanche rectifier
BY9200 series
FEATURES
• Plastic package
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• 40% overvoltage allowed during
5 sec
• Guaranteed avalanche energy
absorption capability
• Very low reverse recovery time
• Soft-recovery switching
characteristics
• Compact construction.
APPLICATIONS
• Colour television and monitors up
to 130 kHz (indication)
• High-voltage applications for:
– multipliers
– diode-split-transformers (FBT’s)
DESCRIPTION
Plastic package, using glass
passivation and a high temperature
alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package should be used in an
insulating medium such as resin, oil
or SF6 gas.
MARKING
Cathode band colour codes
TYPE NUMBER
PACKAGE CODE
INNER BAND
OUTER BAND
BY9206
SOD118A
green
light blue
BY9208
SOD118A
red
light blue
BY9210
SOD118B
violet
light blue
BY9212
SOD118B
orange
light blue
Fig.1 Simplified outline (SOD118A; SOD118B) and symbol.
handbook, halfpage




ka
MAM402
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM1
repetitive peak reverse voltage
BY9206
6kV
BY9208
8kV
BY9210
10
kV
BY9212
12
kV
VRRM2
repetitive peak reverse voltage
max. 5 sec.
BY9206
8.4
kV
BY9208
11.2
kV
BY9210
14.0
kV
BY9212
16.8
kV


Similar Part No. - BY9208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9304 PHILIPS-BY9304 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9306 PHILIPS-BY9306 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9308 PHILIPS-BY9308 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9310 PHILIPS-BY9310 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
More results

Similar Description - BY9208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV2100 PHILIPS-BYV2100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BYX120G PHILIPS-BYX120G Datasheet
25Kb / 4P
   High-voltage soft-recovery controlled avalanche rectifier
1996 Sep 26
BYX90G PHILIPS-BYX90G Datasheet
52Kb / 9P
   High-voltage soft-recovery controlled avalanche rectifier
1996 Sep 26
logo
Vishay Siliconix
BYV28600 VISHAY-BYV28600 Datasheet
43Kb / 4P
   Ultra Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
BYV27600 VISHAY-BYV27600 Datasheet
42Kb / 4P
   Ultra Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
logo
EIC discrete Semiconduc...
BYD57DA EIC-BYD57DA Datasheet
113Kb / 3P
   ULTRA-FAST SOFT-RECOVERY CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
BYD57 PHILIPS-BYD57 Datasheet
77Kb / 12P
   Ultra-fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com