Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2TPMI337L10.6GXXOBV Datasheet(PDF) 7 Page - PerkinElmer Optoelectronics

Part # A2TPMI337L10.6GXXOBV
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI337L10.6GXXOBV Datasheet(HTML) 7 Page - PerkinElmer Optoelectronics

Back Button A2TPMI337L10.6GXXOBV Datasheet HTML 3Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 9Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 10Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOBV Datasheet HTML 11Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 7 of 21
Rev. Oct 2003
Optical Characteristics
The A2TPMI is available with different
standard optical cap assemblies with
and without an infrared lens or mirror.
The optics defines the view angle or
field of view (FOV) of the sensor.
The FOV is defined as the incidence
angle difference, where the sensor
shows 50% relative output signal ac-
cording to the setup shown.
Figure 1:
FOV definition
Symbol
Parameter
Min
Typ
Max
Unit Conditions
Standard Cap Type (C4)
FOV
Field of view
60
70
°
50% rel. output signal
OA
Optical axis
0
± 10
°
High cap type with internal reflector (C6 IRA)
FOV
Field of view
15
20
°
50% rel. output signal
OA
Optical axis
0
±2
°
Low cap type (C7)
100
105
°
50% rel. output signal
FOV
Field of view
125
135
°
10% rel. output signal
OA
Optical axis
0
±10
°
Mirror Module (ML / MR / MF)
Field of view
7
12
°
50% rel. output signal
Lens Cap Type (L5.5)
FOV
Field of view
7
12
°
50% rel. output signal
OA
Optical axis
0
± 3.5
°
D:S
Distance to spot size ratio
8:1
Radiation Source
TPMI
Angle of incidence
50%
100%
FOV at half
energy points
Rotation
Relative output signal
Aperture


Similar Part No. - A2TPMI337L10.6GXXOBV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI337L10.6GXXOBV

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com