Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5268BT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ5268BT1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5268BT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ5268BT1G Datasheet HTML 1Page - ON Semiconductor MMSZ5268BT1G Datasheet HTML 2Page - ON Semiconductor MMSZ5268BT1G Datasheet HTML 3Page - ON Semiconductor MMSZ5268BT1G Datasheet HTML 4Page - ON Semiconductor MMSZ5268BT1G Datasheet HTML 5Page - ON Semiconductor MMSZ5268BT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ5221BT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device
Device
Marking
Zener Voltage (Notes 3 and 4)
Zener Impedance (Note 5)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
MMSZ5221BT1, G
C1
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMSZ5222BT1, G
C2
2.38
2.5
2.63
20
30
1250
0.25
100
1
MMSZ5223BT1, G
C3
2.57
2.7
2.84
20
30
1300
0.25
75
1
MMSZ5224BT1, G
C4
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMSZ5225BT1, G
C5
2.85
3.0
3.15
20
29
1600
0.25
50
1
MMSZ5226BT1, G
D1
3.14
3.3
3.47
20
28
1600
0.25
25
1
MMSZ5227BT1, G
D2
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMSZ5228BT1, G
D3
3.71
3.9
4.10
20
23
1900
0.25
10
1
MMSZ5229BT1, G
D4
4.09
4.3
4.52
20
22
2000
0.25
5
1
MMSZ5230BT1, G
D5
4.47
4.7
4.94
20
19
1900
0.25
5
2
MMSZ5231BT1, G
E1
4.85
5.1
5.36
20
17
1600
0.25
5
2
MMSZ5232BT1, G
E2
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMSZ5233BT1, G
E3
5.70
6.0
6.30
20
7
1600
0.25
5
3.5
MMSZ5234BT1, G
E4
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMSZ5235BT1, G
E5
6.46
6.8
7.14
20
5
750
0.25
3
5
MMSZ5236BT1, G
F1
7.13
7.5
7.88
20
6
500
0.25
3
6
MMSZ5237BT1, G
F2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMSZ5238BT1, G
F3
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MMSZ5239BT1, G
F4
8.65
9.1
9.56
20
10
600
0.25
3
7
MMSZ5240BT1, G
F5
9.50
10
10.50
20
17
600
0.25
3
8
MMSZ5241BT1, G
H1
10.45
11
11.55
20
22
600
0.25
2
8.4
MMSZ5242BT1, G
H2
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243BT1, G
H3
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244BT1, G
H4
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245BT1, G
H5
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246BT1, G
J1
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5247BT1, G
J2
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMSZ5248BT1, G
J3
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5250BT1, G
J5
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5251BT1, G
K1
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMSZ5252BT1, G
K2
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMSZ5253BT1, G
K3
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254BT1, G
K4
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMSZ5255BT1, G
K5
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256BT1, G
M1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257BT1, G
M2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258BT1, G
M3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259BT1, G
M4
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5260BT1, G
M5
40.85
43
45.15
3.0
93
900
0.25
0.1
33
MMSZ5261BT1, G
N1
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMSZ5262BT1, G
N2
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMSZ5263BT1, G
N3
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMSZ5264BT1, G
N4
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
MMSZ5265BT1, G
N5
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
MMSZ5266BT1, G
P1
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MMSZ5267BT1, G
P2
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
MMSZ5268BT1, G
P3
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
MMSZ5269BT1
P4
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
MMSZ5270BT1, G
P5
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
MMSZ5272BT1, G
R2
104.5
110
115.5
1.1
750
3000
0.25
0.1
84
3. The type numbers shown have a standard tolerance of
±5% on the nominal Zener voltage.
4. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C $1°C.
5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the ac current applied.
The specified limits are for IZ(AC) = 0.1 IZ(dc) with the AC frequency = 1 KHz.
*The “G’’ suffix indicates Pb−Free package available.


Similar Part No. - MMSZ5268BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5268BT1G ONSEMI-MMSZ5268BT1G Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5268BT1G ONSEMI-MMSZ5268BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
MMSZ5268BT1G ONSEMI-MMSZ5268BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ5268BT1G ONSEMI-MMSZ5268BT1G Datasheet
90Kb / 7P
   Zener Voltage Regulators
March, 2015 ??Rev. 14
More results

Similar Description - MMSZ5268BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com