Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY9412 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY9412
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9412 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY9412 Datasheet HTML 1Page - NXP Semiconductors BY9412 Datasheet HTML 2Page - NXP Semiconductors BY9412 Datasheet HTML 3Page - NXP Semiconductors BY9412 Datasheet HTML 4Page - NXP Semiconductors BY9412 Datasheet HTML 5Page - NXP Semiconductors BY9412 Datasheet HTML 6Page - NXP Semiconductors BY9412 Datasheet HTML 7Page - NXP Semiconductors BY9412 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Jan 10
3
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY9400 series
Note
1. Withstands peak currents during flash-over in a picture tube.
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
IF(AV)
average forward current
averaged over any 20 ms period
BY9410
5mA
BY9412
5mA
BY9414
5mA
BY9416
5mA
IFRM
repetitive peak forward current
note 1
500
mA
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
BY9410
−65
+150
°C
BY9412
−65
+145
°C
BY9414
−65
+140
°C
BY9416
−65
+140
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF =10mA
BY9410
24
V
BY9412
30
V
BY9414
34
V
BY9416
40
V
IR
reverse current
VR =VRRM1; Tj = 120 °C
3
µA
Qr
recovery charge
when switched from IF = 100 mA to VR ≥ 100 V
and dIF/dt = −200 mA/µs
0.7
nC
trr
reverse recovery time
when switched from IF = 2 mA to IR = 4 mA;
measured at IR =1mA
100
ns
Cd
diode capacitance
VR = 0 V; f = 1 MHz
BY9410
0.50
pF
BY9412
0.40
pF
BY9414
0.35
pF
BY9416
0.30
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - BY9412

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9200 PHILIPS-BY9200 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9206 PHILIPS-BY9206 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9208 PHILIPS-BY9208 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9210 PHILIPS-BY9210 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BY9212 PHILIPS-BY9212 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
More results

Similar Description - BY9412

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com