Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33153DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33153DG
Description  Single IGBT Gate Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33153DG Datasheet(HTML) 2 Page - ON Semiconductor

  MC33153DG Datasheet HTML 1Page - ON Semiconductor MC33153DG Datasheet HTML 2Page - ON Semiconductor MC33153DG Datasheet HTML 3Page - ON Semiconductor MC33153DG Datasheet HTML 4Page - ON Semiconductor MC33153DG Datasheet HTML 5Page - ON Semiconductor MC33153DG Datasheet HTML 6Page - ON Semiconductor MC33153DG Datasheet HTML 7Page - ON Semiconductor MC33153DG Datasheet HTML 8Page - ON Semiconductor MC33153DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC33153
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC to VEE
Kelvin Ground to VEE (Note 1)
VCC − VEE
KGND − VEE
20
V
Logic Input
Vin
VEE −0.3 to VCC
V
Current Sense Input
VS
−0.3 to VCC
V
Blanking/Desaturation Input
VBD
−0.3 to VCC
V
Gate Drive Output
Source Current
Sink Current
Diode Clamp Current
IO
1.0
2.0
1.0
A
Fault Output
Source Current
Sink Current
IFO
25
10
mA
Power Dissipation and Thermal Characteristics
D Suffix SO−8 Package, Case 751
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction−to−Air
P Suffix DIP−8 Package, Case 626
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
0.56
180
1.0
100
W
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
−40 to +105
°C
Storage Temperature Range
Tstg
−65 to +150
°C
NOTE:
ESD data available upon request.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Kelvin Ground must always be between VEE and VCC.
ELECTRICAL CHARACTERISTICS (VCC = 15 V, VEE = 0 V, Kelvin GND connected to VEE. For typical values TA = 25°C,
for min/max values TA is the operating ambient temperature range that applies (Note 2), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
LOGIC INPUT
Input Threshold Voltage
High State (Logic 1)
Low State (Logic 0)
VIH
VIL
1.2
2.70
2.30
3.2
V
Input Current
High State (VIH = 3.0 V)
Low State (VIL = 1.2 V)
IIH
IIL
130
50
500
100
mA
DRIVE OUTPUT
Output Voltage
Low State (ISink = 1.0 A)
High State (ISource = 500 mA)
VOL
VOH
12
2.0
13.9
2.5
V
Output Pull−Down Resistor
RPD
100
200
k
W
FAULT OUTPUT
Output Voltage
Low State (ISink = 5.0 mA)
High State (ISource = 20 mA)
VFL
VFH
12
0.2
13.3
1.0
V
SWITCHING CHARACTERISTICS
Propagation Delay (50% Input to 50% Output CL = 1.0 nF)
Logic Input to Drive Output Rise
Logic Input to Drive Output Fall
tPLH(in/out)
tPHL (in/out)
80
120
300
300
ns
Drive Output Rise Time (10% to 90%) CL = 1.0 nF
tr
17
55
ns
Drive Output Fall Time (90% to 10%) CL = 1.0 nF
tf
17
55
ns
Propagation Delay
Current Sense Input to Drive Output
Fault Blanking/Desaturation Input to Drive Output
tP(OC)
tP(FLT)
0.3
1.0
ms
2. Low duty cycle pulse techniques are used during test to maintain the junction temperature as close to ambient as possible.
Tlow = −40°C for MC33153
Thigh = +105°C for MC33153


Similar Part No. - MC33153DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33153DG ONSEMI-MC33153DG Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
More results

Similar Description - MC33153DG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
   Single IGBT Gate Driver
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
189Kb / 12P
   SINGLE IGBT GATE DRIVER
1998 REV 2
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
logo
Motorola, Inc
MC33154 MOTOROLA-MC33154 Datasheet
201Kb / 12P
   SINGLE IGBT HIGH CURRENT GATE DRIVER
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
   IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
   IGBT Gate Driver
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
   IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com