Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33153P Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33153P
Description  Single IGBT Gate Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33153P Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33153P Datasheet HTML 5Page - ON Semiconductor MC33153P Datasheet HTML 6Page - ON Semiconductor MC33153P Datasheet HTML 7Page - ON Semiconductor MC33153P Datasheet HTML 8Page - ON Semiconductor MC33153P Datasheet HTML 9Page - ON Semiconductor MC33153P Datasheet HTML 10Page - ON Semiconductor MC33153P Datasheet HTML 11Page - ON Semiconductor MC33153P Datasheet HTML 12Page - ON Semiconductor MC33153P Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC33153
http://onsemi.com
9
the IGBT is in the off−state, it will be subjected to changes
in voltage caused by the other devices. This is particularly
a problem when the opposite transistor turns on.
When the lower device is turned on, clearing the upper
diode, the turn−on dv/dt of the lower device appears across
the collector emitter of the upper device. To eliminate
shoot−through currents, it is necessary to provide a low sink
impedance to the device that is in the off−state. In most
applications the turn−off resistor can be made small enough
to hold off the device that is under commutation without
causing excessively fast turn−off speeds.
Figure 31. Using a Single Gate Resistor
Output
VCC
VEE
5
VEE
VEE
3
Rg
IGBT
Figure 32. Using Separate Resistors
for Turn−On and Turn−Off
Output
VCC
VEE
5
VEE
VEE
3
Ron
IGBT
Roff
Doff
A negative bias voltage can be used to drive the IGBT into
the off−state. This is a practice carried over from bipolar
Darlington drives and is generally not required for IGBTs.
However, a negative bias will reduce the possibility of
shoot−through. The MC33153 has separate pins for VEE and
Kelvin Ground. This permits operation using a +15/−5.0 V
supply.
INTERFACING WITH OPTOISOLATORS
Isolated Input
The MC33153 may be used with an optically isolated
input. The optoisolator can be used to provide level shifting,
and if desired, isolation from ac line voltages. An
optoisolator with a very high dv/dt capability should be
used, such as the Hewlett Packard HCPL4053. The IGBT
gate turn−on resistor should be set large enough to ensure
that the opto’s dv/dt capability is not exceeded. Like most
optoisolators,
the
HCPL4053
has
an
active
low
open−collector output. Thus, when the LED is on, the output
will be low. The MC33153 has an inverting input pin to
interface directly with an optoisolator using a pullup
resistor. The input may also be interfaced directly to 5.0 V
CMOS logic or a microcontroller.
Optoisolator Output Fault
The MC33153 has an active high fault output. The fault
output may be easily interfaced to an optoisolator. While it
is important that all faults are properly reported, it is equally
important that no false signals are propagated. Again, a high
dv/dt optoisolator should be used.
The LED drive provides a resistor programmable current
of 10 to 20 mA when on, and provides a low impedance path
when off. An active high output, resistor, and small signal
diode provide an excellent LED driver. This circuit is shown
in Figure 33.
Figure 33. Output Fault Optoisolator
Short Circuit
Latch Output
7
VEE
VCC
VEE
Q
UNDERVOLTAGE LOCKOUT
It is desirable to protect an IGBT from insufficient gate
voltage. IGBTs require 15 V on the gate to achieve the rated
on−voltage. At gate voltages below 13 V, the on−voltage
increases dramatically, especially at higher currents. At very
low gate voltages, below 10 V, the IGBT may operate in the
linear region and quickly overheat. Many PWM motor
drives use a bootstrap supply for the upper gate drive. The
UVLO provides protection for the IGBT in case the
bootstrap capacitor discharges.
The MC33153 will typically start up at about 12 V. The
UVLO circuit has about 1.0 V of hysteresis and will disable
the output if the supply voltage falls below about 11 V.
PROTECTION CIRCUITRY
Desaturation Protection
Bipolar Power circuits have commonly used what is
known
as
“Desaturation
Detection”.
This
involves
monitoring the collector voltage and turning off the device
if this voltage rises above a certain limit. A bipolar transistor
will only conduct a certain amount of current for a given
base drive. When the base is overdriven, the device is in


Similar Part No. - MC33153P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33153P ONSEMI-MC33153P Datasheet
189Kb / 12P
   SINGLE IGBT GATE DRIVER
1998 REV 2
MC33153PG ONSEMI-MC33153PG Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
More results

Similar Description - MC33153P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
   Single IGBT Gate Driver
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
189Kb / 12P
   SINGLE IGBT GATE DRIVER
1998 REV 2
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
logo
Motorola, Inc
MC33154 MOTOROLA-MC33154 Datasheet
201Kb / 12P
   SINGLE IGBT HIGH CURRENT GATE DRIVER
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
   IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
   IGBT Gate Driver
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
   IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com