Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33202 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV33202
Description  Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33202 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV33202 Datasheet HTML 4Page - ON Semiconductor NCV33202 Datasheet HTML 5Page - ON Semiconductor NCV33202 Datasheet HTML 6Page - ON Semiconductor NCV33202 Datasheet HTML 7Page - ON Semiconductor NCV33202 Datasheet HTML 8Page - ON Semiconductor NCV33202 Datasheet HTML 9Page - ON Semiconductor NCV33202 Datasheet HTML 10Page - ON Semiconductor NCV33202 Datasheet HTML 11Page - ON Semiconductor NCV33202 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
8
50
40
30
20
10
0
RT, DIFFERENTIAL SOURCE RESISTANCE (W)
CL, CAPACITIVE LOAD (pF)
80
0
70
40
Figure 20. Gain and Phase Margin
versus Temperature
Figure 21. Gain and Phase Margin
versus Differential Source Resistance
75
60
0
Figure 22. Gain and Phase Margin
versus Capacitive Load
70
60
40
10
0
TA, AMBIENT TEMPERATURE (°C)
Figure 23. Channel Separation
versus Frequency
Figure 24. Total Harmonic Distortion
versus Frequency
Figure 25. Equivalent Input Noise Voltage
and Current versus Frequency
10
1.0
0.1
f, FREQUENCY (Hz)
50
150
90
60
0
30
0.01
0.001
20
45
30
15
Phase Margin
Gain Margin
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
30
60
10
20
30
50
AV = 10
120
AV = 100
AV = 10
AV = 1.0
AV = 100
100
1.0 k
10 k
100 k
10
100
1.0 k
100 k
−55 −40 −25
25
70
125
0
85
105
10
10
100
1.0 k
100
1.0 k
10 k
10
100
10 k
100 k
10 k
1.0 k
5.0
4.0
3.0
2.0
1.0
0
70
60
40
10
0
50
20
30
75
60
0
45
30
15
16
0
14
8.0
12
2.0
4.0
6.0
10
VCC = +6.0 V
VEE = −6.0 V
RL = 600 W
CL = 100 pF
VCC = +6.0 V
VEE = −6.0 V
TA = 25°C
Phase Margin
Phase Margin
Gain Margin
VCC = +6.0 V
VEE = −6.0 V
RL = 600 W
AV = 100
TA = 25°C
Gain Margin
VCC = +6.0 V
VEE = −6.0 V
VO = 8.0 Vpp
TA = 25°C
VCC = +5.0 V
TA = 25°C
VO = 2.0 Vpp
VEE = −5.0 V
RL = 600 W
VCC = +6.0 V
VEE = −6.0 V
TA = 25°C
Noise Voltage
Noise Current
AV = 1000


Similar Part No. - NCV33202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33202DMR2G ONSEMI-NCV33202DMR2G Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
NCV33202DMR2G ONSEMI-NCV33202DMR2G Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
NCV33202VDR2 ONSEMI-NCV33202VDR2 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
NCV33202VDR2G ONSEMI-NCV33202VDR2G Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
NCV33202VDR2G ONSEMI-NCV33202VDR2G Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results

Similar Description - NCV33202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com