Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33178P Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33178P
Description  Low Power, Low Noise Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33178P Datasheet(HTML) 4 Page - ON Semiconductor

  MC33178P Datasheet HTML 1Page - ON Semiconductor MC33178P Datasheet HTML 2Page - ON Semiconductor MC33178P Datasheet HTML 3Page - ON Semiconductor MC33178P Datasheet HTML 4Page - ON Semiconductor MC33178P Datasheet HTML 5Page - ON Semiconductor MC33178P Datasheet HTML 6Page - ON Semiconductor MC33178P Datasheet HTML 7Page - ON Semiconductor MC33178P Datasheet HTML 8Page - ON Semiconductor MC33178P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MC33178, MC33179
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 50 W, VCM = 0 V, VO = 0 V)
(VCC = +2.5 V, VEE = −2.5 V to VCC = +15 V, VEE = −15 V)
TA = +25°C
TA = −40° to +85°C
3
|VIO|
0.15
3.0
4.0
mV
Average Temperature Coefficient of Input Offset Voltage
(RS = 50 W, VCM = 0 V, VO = 0 V)
TA = −40° to +85°C
3
DVIO/DT
2.0
mV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = −40° to +85°C
4, 5
IIB
100
500
600
nA
Input Offset Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = −40° to +85°C
|IIO|
5.0
50
60
nA
Common Mode Input Voltage Range
(DVIO = 5.0 mV, VO = 0 V)
6
VICR
−13
−14
+14
+13
V
Large Signal Voltage Gain (VO = −10 V to +10 V, RL = 600 W)
TA = +25°C
TA = −40° to +85°C
7, 8
AVOL
50
25
200
kV/V
Output Voltage Swing (VID = ±1.0 V)
(VCC = +15 V, VEE = −15 V)
RL = 300 W
RL = 300 W
RL = 600 W
RL = 600 W
RL = 2.0 kW
RL = 2.0 kW
(VCC = +2.5 V, VEE = −2.5 V)
RL = 600 W
RL = 600 W
9, 10, 11
VO+
VO
VO+
VO
VO+
VO
VO+
VO
+12
+13
1.1
+12
−12
+13.6
−13
+14
−13.8
1.6
−1.6
−12
−13
−1.1
V
Common Mode Rejection (Vin = ±13 V)
12
CMR
80
110
dB
Power Supply Rejection
VCC/VEE = +15 V/ −15 V, +5.0 V/ −15 V, +15 V/ −5.0 V
13
PSR
80
110
dB
Output Short Circuit Current (VID = ±1.0 V, Output to Ground)
Source (VCC = 2.5 V to 15 V)
Sink (VEE = −2.5 V to −15 V)
14, 15
ISC
+50
−50
+80
−100
mA
Power Supply Current (VO = 0 V)
(VCC = 2.5 V, VEE = −2.5 V to VCC = +15 V, VEE = −15 V)
MC33178 (Dual)
TA = +25°C
TA = −40° to +85°C
MC33179 (Quad)
TA = +25°C
TA = −40° to +85°C
16
ID
1.7
1.4
1.6
2.4
2.6
mA


Similar Part No. - MC33178P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178P ONSEMI-MC33178P Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33178P ONSEMI-MC33178P Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33178PG ONSEMI-MC33178PG Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
More results

Similar Description - MC33178P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_10 Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
119Kb / 7P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510FE2 ROHM-BA4510FE2 Datasheet
402Kb / 22P
   Low Noise Operational Amplifiers
BA4560F-E2 ROHM-BA4560F-E2 Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA4558FV-E2 ROHM-BA4558FV-E2 Datasheet
483Kb / 29P
   Low Noise Operational Amplifiers
BA15218F-E2 ROHM-BA15218F-E2 Datasheet
1Mb / 51P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com