Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33272ADR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33272ADR2
Description  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33272ADR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33272ADR2 Datasheet HTML 5Page - ON Semiconductor MC33272ADR2 Datasheet HTML 6Page - ON Semiconductor MC33272ADR2 Datasheet HTML 7Page - ON Semiconductor MC33272ADR2 Datasheet HTML 8Page - ON Semiconductor MC33272ADR2 Datasheet HTML 9Page - ON Semiconductor MC33272ADR2 Datasheet HTML 10Page - ON Semiconductor MC33272ADR2 Datasheet HTML 11Page - ON Semiconductor MC33272ADR2 Datasheet HTML 12Page - ON Semiconductor MC33272ADR2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC33272A, MC33274A, NCV33272A, NCV33274A
http://onsemi.com
9
Figure 26. Phase Margin and Gain Margin
versus Differential Source Resistance
Figure 27. Channel Separation
versus Frequency
Figure 28. Total Harmonic Distortion
versus Frequency
Figure 29. Output Impedance versus Frequency
Figure 30. Input Referred Noise Voltage
versus Frequency
Figure 31. Input Referred Noise Current
versus Frequency
RT, DIFFERENTIAL SOURCE RESISTANCE (W)
15
12
9.0
6.0
3.0
0
1.0
10
100
1.0 k
10 k
Gain Margin
Phase Margin
f, FREQUENCY (Hz)
160
150
140
130
120
110
100
100
1.0 k
10 k
100 k
1.0 M
Driver Channel
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
DVOD = 20 Vpp
TA = 25°C
f, FREQUENCY (Hz)
1.0
0.1
0.01
0.001
10
100
1.0 k
10 k
100 k
AV = +1000
AV = +100
AV = +10
AV = +1.0
VO = 2.0 Vpp
TA = 25°C
VCC = +15 V
VEE = −15 V
f, FREQUENCY (Hz)
50
40
30
10
0
20
10 k
100 k
1.0 M
10 M
VCC = +15 V
VEE = −15 V
VO = 0 V
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
f, FREQUENCY (Hz)
50
40
30
20
10
0
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = −15 V
TA = 25°C
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = −15 V
TA = 25°C
60
50
40
30
20
10
0
Vin
R2
R1
VO
+
Input Noise Voltage
Test Circuit
VO
+
Input Noise Current Circuit
RS
(RS = 10 kW)
VO
+
VCC = +15 V
VEE = −15 V
RT = R1+R2
VO = 0 V
TA = 25°C


Similar Part No. - MC33272ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272ADR2 ONSEMI-MC33272ADR2 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272ADR2 ONSEMI-MC33272ADR2 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
MC33272ADR2G ONSEMI-MC33272ADR2G Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272ADR2G ONSEMI-MC33272ADR2G Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Similar Description - MC33272ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com