Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33275DT-2.5 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33275DT-2.5
Description  300 mA, Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-2.5 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33275DT-2.5 Datasheet HTML 3Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 4Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 5Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 6Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 7Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 8Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 9Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 10Page - ON Semiconductor MC33275DT-2.5 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MC33275, NCV33275
http://onsemi.com
7
Figure 12. Output Voltage versus Ambient
Temperature (Vin = 12 V)
Figure 13. Ripple Rejection
Figure 14. Ripple Rejection
−40
2.5
TEMPERATURE (
°C)
2.49
2.485
2.48
2.475
2.47
025
85
IO = 0
IO = 250 mA
2.495
2.465
0.1
70
FREQUENCY (kHz)
60
50
40
30
20
10
0
1
10
100
IL = 100 mA
IL = 250 mA
0.1
70
FREQUENCY (kHz)
60
50
40
30
20
10
0
1
10
100
IL = 10 mA
IL = 1 mA


Similar Part No. - MC33275DT-2.5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275DT-2.5G ONSEMI-MC33275DT-2.5G Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
MC33275DT-2.5RK ONSEMI-MC33275DT-2.5RK Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33275DT-2.5RKG ONSEMI-MC33275DT-2.5RKG Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
More results

Similar Description - MC33275DT-2.5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com