Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33172P Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33172P
Description  Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33172P Datasheet(HTML) 5 Page - ON Semiconductor

  MC33172P Datasheet HTML 1Page - ON Semiconductor MC33172P Datasheet HTML 2Page - ON Semiconductor MC33172P Datasheet HTML 3Page - ON Semiconductor MC33172P Datasheet HTML 4Page - ON Semiconductor MC33172P Datasheet HTML 5Page - ON Semiconductor MC33172P Datasheet HTML 6Page - ON Semiconductor MC33172P Datasheet HTML 7Page - ON Semiconductor MC33172P Datasheet HTML 8Page - ON Semiconductor MC33172P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC33171, MC33172, MC33174, NCV33172
http://onsemi.com
5
1. TA = −55°C
2. TA = 25°C
3. TA = 125°C
Dual
Quad
1
2
3
Single
3
2
1
1
2
3
VCC/VEE = ±15 V
AV = +1.0
RL = 10 k
CL = 100 pF
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
Figure 4. Open Loop Voltage Gain and
Phase versus Frequency
Figure 5. Phase Margin and Percent
Overshoot versus Load Capacitance
Figure 6. Normalized Gain Bandwidth Product
and Slew Rate versus Temperature
Figure 7. Small and Large Signal
Transient Response
Figure 8. Output Impedance and Frequency
Figure 9. Supply Current versus Supply Voltage
0
0
5.0
ms/DIV
5.0
ms/DIV
f, FREQUENCY (Hz)
1
2
3
4
120
140
160
180
200
220
Gain
Margin
= 15 dB
Phase
Margin
= 58
°
VCC/VEE = ±15 V
RL = 10 k
Vout = 0 V
TA = 25°C
1 − Phase
2 − Phase, CL = 100 pF
3 − Gain
4 − Gain, CL = 100 pF
CL, LOAD CAPACITANCE (pF)
70
60
50
40
30
20
10
%
fm
0
VCC/VEE = ±15 V
AVOL = +1.0
RL = 10 k
DVO = 20 mVpp
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
GBW
SR
VCC/VEE = ±15 V
RL = 10 k
f, FREQUENCY (Hz)
VCC/VEE, SUPPLY VOLTAGE (±V)
3
0
20
10
0
−10
−20
−30
70
60
50
40
30
20
10
0
1.3
1.2
1.1
1.0
0.9
0.8
0.7
140
120
100
80
60
40
20
0
1.1
0.9
0.7
0.5
0.3
0.1
100 k
1.0 M
10 M
10
20
50
100
200
500
1.0 k
−55
−25
0
25
50
75
100
125
200
2.0 k
20 k
200 k
2.0 M
0
5.0
10
15
20
25
VCC/VEE = ±15 V
VCM = 0 V
VO = 0 V
DIO = ±0.5 mA
TA = 25°C


Similar Part No. - MC33172P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33172P ONSEMI-MC33172P Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
MC33172PG ONSEMI-MC33172PG Datasheet
175Kb / 15P
   Low Power Operational Amplifiers
May, 2015 ??Rev. 13
More results

Similar Description - MC33172P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
logo
Texas Instruments
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com