Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33202DMR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33202DMR2G
Description  Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33202DMR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33202DMR2G Datasheet HTML 3Page - ON Semiconductor MC33202DMR2G Datasheet HTML 4Page - ON Semiconductor MC33202DMR2G Datasheet HTML 5Page - ON Semiconductor MC33202DMR2G Datasheet HTML 6Page - ON Semiconductor MC33202DMR2G Datasheet HTML 7Page - ON Semiconductor MC33202DMR2G Datasheet HTML 8Page - ON Semiconductor MC33202DMR2G Datasheet HTML 9Page - ON Semiconductor MC33202DMR2G Datasheet HTML 10Page - ON Semiconductor MC33202DMR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
7
VCC, ⎮VEE⎮, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
VCC = +2.5 V
VEE = −2.5 V
VO = ± 2.0 V
Figure 14. Output Short Circuit Current
versus Temperature
Figure 15. Supply Current per Amplifier
versus Supply Voltage with No Load
Figure 16. Slew Rate
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 17. Gain Bandwidth Product
versus Temperature
Figure 18. Voltage Gain and Phase
versus Frequency
Figure 19. Voltage Gain and Phase
versus Frequency
f, FREQUENCY (Hz)
VCC = +5.0 V
VEE = Gnd
TA = 125°C
TA = −55°C
Source
Sink
TA = 25°C
+Slew Rate
−Slew Rate
TA, AMBIENT TEMPERATURE (°C)
VCC = +2.5 V
VEE = −2.5 V
f = 100 kHz
f, FREQUENCY (Hz)
70
50
30
10
−10
−30
2.0
0
1.5
0.5
1.0
2.0
1.6
0
150
125
75
25
0
70
50
30
100
4.0
3.0
2.0
0
1.0
10
−10
−30
50
1.2
0.8
0.4
±1.0
± 2.0
± 3.0
± 4.0
± 5.0
± 6.0
10 k
100 k
1.0 M
10 M
−55 −40 −25
25
70
125
0
85
105
± 0
−55 −40 −25
25
70
125
0
85
105
−55 −40 −25
25
70
125
0
85
105
10 k
100 k
1.0 M
10 M
240
40
80
120
160
200
40
80
120
160
200
240
1A − Phase, CL = 0 pF
1B − Gain, CL = 0 pF
2A − Phase, CL = 300 pF
2B − Gain, CL = 300 pF
1A − Phase, VS = ± 6.0 V
1B − Gain, VS = ± 6.0 V
2A − Phase, VS = ± 1.0 V
2B − Gain, VS = ± 1.0 V
VS = ± 6.0 V
TA = 25°C
RL = 600 W
CL = 0 pF
TA = 25°C
RL = 600 W
1A
2A
2B
1B
1A
2A
2B
1B


Similar Part No. - MC33202DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33202DMR2G ONSEMI-MC33202DMR2G Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33202DMR2G ONSEMI-MC33202DMR2G Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results

Similar Description - MC33202DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com