Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSW13RLRAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSW13RLRAG
Description  One Watt Darlington Transistor NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW13RLRAG Datasheet(HTML) 3 Page - ON Semiconductor

  MPSW13RLRAG Datasheet HTML 1Page - ON Semiconductor MPSW13RLRAG Datasheet HTML 2Page - ON Semiconductor MPSW13RLRAG Datasheet HTML 3Page - ON Semiconductor MPSW13RLRAG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW13
http://onsemi.com
3
500
5.0
IC, COLLECTOR CURRENT (mA)
200 k
100 k
70 k
IB, BASE CURRENT (mA)
5.0
50
2.0
1.0
0.5
50 k
20 k
30
10
20
100
200
10 20
0.5 1.0 2.0
1.5
2.5
3.0
0.1 0.2
100
TJ = 125°C
TJ = 25°C
IC =
50 mA
IC =
10 mA
IC =
500 mA
IC =
250 mA
Figure 2. DC Current Gain
Figure 3. Collector Saturation Region
7.0
70
50
300
10 k
7.0 k
5.0 k
2.0 k
30 k
3.0 k
VCE = 5.0 V
−55°C
25°C
500
200
1000
1.0
5.0
0.5
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.8
0.6
0.2
VR, REVERSE VOLTAGE (VOLTS)
0.04
10
20
7.0
5.0
2.0
2.0
10
500
20
4.0
0.1
40
1.0
3.0
TJ = 25°C
Cobo
Cibo
VCE = 5.0 V
TJ = 25°C
f = 100 MHz
100
500
IC, COLLECTOR CURRENT (mA)
0.6
1.6
1.4
1.2
1.0
0.8
IC, COLLECTOR CURRENT (mA)
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
200
5.0
10
20
50
TJ = 25°C
100
500
5.0
200
7.0 10
20
50
qVB FOR VBE
VCE(sat) @ IC/IB = 1000
VBE(on) @ VCE = 5.0 V
Figure 4. “ON” Voltages
Figure 5. Temperature Coefficients
Figure 6. High Frequency Current Gain
Figure 7. Capacitance
VBE(sat) @ IC/IB = 1000
7.0
300
30
70
300
30
70
*qVC FOR VCE(sat)
25°C TO 125°C
−55°C TO 25°C
25°C TO 125°C
−55°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0
0.2
0.4
2.0
4.0
20
10
0.4
50
100 200


Similar Part No. - MPSW13RLRAG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW13 MOTOROLA-MPSW13 Datasheet
113Kb / 4P
   One Watt Darlington Transistors
More results

Similar Description - MPSW13RLRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
MPS6724 ONSEMI-MPS6724 Datasheet
58Kb / 5P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW45 ONSEMI-MPSW45_06 Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPS6717 ONSEMI-MPS6717 Datasheet
65Kb / 4P
   One Watt Amplifier Transistor NPN Silicon
February, 2006 ??Rev. 2
BDC01D ONSEMI-BDC01D Datasheet
96Kb / 4P
   One Watt Amplifier Transistor(NPN Silicon)
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW42 ONSEMI-MPSW42 Datasheet
81Kb / 4P
   One Watt High Voltage Transistor(NPN Silicon)
1998 REV 1
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
MPSW45 MOTOROLA-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com