Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33342PG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33342PG
Description  Battery Fast Charge Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33342PG Datasheet(HTML) 3 Page - ON Semiconductor

  MC33342PG Datasheet HTML 1Page - ON Semiconductor MC33342PG Datasheet HTML 2Page - ON Semiconductor MC33342PG Datasheet HTML 3Page - ON Semiconductor MC33342PG Datasheet HTML 4Page - ON Semiconductor MC33342PG Datasheet HTML 5Page - ON Semiconductor MC33342PG Datasheet HTML 6Page - ON Semiconductor MC33342PG Datasheet HTML 7Page - ON Semiconductor MC33342PG Datasheet HTML 8Page - ON Semiconductor MC33342PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC33340, MC33342
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 6.0 V, for typical values TA = 25°C, for min/max values TA is the operating
ambient temperature range that applies (Note 3), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
BATTERY SENSE INPUT (Pin 1)
Input Sensitivity for −
DV Detection
DVth
−4.0
mV
Overvoltage Threshold
Vth(OV)
1.9
2.0
2.1
V
Undervoltage Threshold
Vth(UV)
0.95
1.0
1.05
mV
Input Bias Current
IIB
10
nA
Input Resistance
Rin
6.0
M
W
TIME/TEMPERATURE INPUTS (Pins 5, 6, 7)
Programing Inputs (Vin = 1.5 V)
Input Current
Input Current Matching
Iin
DIin
−24
−30
1.0
−36
2.0
mA
%
Input Offset Voltage, Over and Under Temperature Comparators
VIO
5.0
mV
Under Temperature Comparator Hysteresis (Pin 5)
VH(T)
44
mV
Temperature Select Threshold
Vth(t/T)
VCC −0.7
V
INTERNAL TIMING
Internal Clock Oscillator Frequency
fOSC
760
kHz
Vsen Gate Output (Pin 2)
Gate Time
Gate Repetition Rate
tgate
33
1.38
ms
s
Fast Charge Holdoff from −
DV Detection
MC33340
MC33342
thold
177
708
s
Vsen GATE OUTPUT (Pin 2)
Off−State Leakage Current (VO = 20 V)
Ioff
10
nA
Low State Saturation Voltage (Isink = 10 mA)
VOL
1.2
V
FAST/TRICKLE OUTPUT (Pin 3)
Off−State Leakage Current (VO = 20 V)
Ioff
10
nA
Low State Saturation Voltage (Isink = 10 mA)
VOL
1.0
V
UNDERVOLTAGE LOCKOUT (Pin 8)
Startup Threshold (VCC Increasing, TA = 25°C)
Vth(on)
3.0
3.25
V
Turn−Off Threshold (VCC Decreasing, TA = 25°C)
Vth(off)
2.75
2.85
V
TOTAL DEVICE (Pin 8)
Power Supply Current (Pins 5, 6, 7 Open)
Startup (VCC = 2.9 V)
Operating (VCC = 6.0 V)
ICC
0.65
0.61
2.0
2.0
mA
2. Whichever voltage is lower.
3. Tested junction temperature range for the MC33340/342:
Tlow = −25°CThigh = +85°C


Similar Part No. - MC33342PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33342 ONSEMI-MC33342 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Similar Description - MC33342PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com