Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2TPMI336OAC Datasheet(PDF) 9 Page - PerkinElmer Optoelectronics

Part # A2TPMI336OAC
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI336OAC Datasheet(HTML) 9 Page - PerkinElmer Optoelectronics

Back Button A2TPMI336OAC Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 9Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 10Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 11Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 12Page - PerkinElmer Optoelectronics A2TPMI336OAC Datasheet HTML 13Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 9 of 21
Rev. Oct 2003
General Description
THERMOPILE SENSOR
The signal voltage, generated by the infrared radiation-sensitive thermopile sensor, is preamplified by a
programmable choppered amplifier with 8 bit resolution.
Due to the principle of thermopile temperature measurements, the thermopile voltage can be positive or
negative depending if the object temperature is higher or lower than the ambient temperature of the
A2TPMI. In order to allow signal processing of negative voltages with a single supply system, all internal
signals are related to an internal voltage reference (Vref) of nominal 1.225 V, which serves as a virtual
analog ground.
For offset voltage trimming of the thermopile amplification path, the preamplifier is followed by a
programmable trimming stage generating an offset voltage with a resolution of 8 bit.
The thermopile voltage shows a non-linear output characteristic versus the object temperature.
AMBIENT TEMPERATURE SENSOR
The temperature of the A2TPMI, respectively the thermopile sensor, is detected by an integrated tem-
perature sensor. This signal will be amplified and signal processed in order to match the reverse char-
acteristics of the amplified thermopile curve, to realize an optimum of ambient temperature compensa-
tion after adding the two signals. The characteristics of the temperature sensor signal is adjustable.
This adjustment is part of the ASIC production process and will be provided by PerkinElmer. Thus the
characteristics of the A2TPMI ambient temperature signal VTamb is always provided fully calibrated.
AMBIENT TEMPERATURE COMPENSATION
The thermopile sensor converts the temperature radiation of an object surface to an electrical signal by
means of thermocouples (Seebeck effect). The sensor output voltage is caused by the temperature
difference between radiation heated (hot) junctions and cold junctions with a good thermal contact to the
housing.
In order to deliver an output signal which is only dependent on the object temperature, any change of
housing (ambient) temperature has to lead to an appropriate output signal correction.
For temperature compensation, the amplified thermopile- and temperature reference signals (VTambint)
are added in an adding amplifier stage. The amplification is adjustable in a wide range according to
application / customer requirements.
The ambient temperature compensated and amplified signal is supplied to the output VTobj. The tem-
perature reference signal or alternatively the bandgap reference voltage is available on a second output
pin VTamb. Both outputs are short circuit stable .


Similar Part No. - A2TPMI336OAC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI336OAC

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com