Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR756RLG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MR756RLG
Description  High Current Lead Mounted Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MR756RLG Datasheet(HTML) 7 Page - ON Semiconductor

  MR756RLG Datasheet HTML 1Page - ON Semiconductor MR756RLG Datasheet HTML 2Page - ON Semiconductor MR756RLG Datasheet HTML 3Page - ON Semiconductor MR756RLG Datasheet HTML 4Page - ON Semiconductor MR756RLG Datasheet HTML 5Page - ON Semiconductor MR756RLG Datasheet HTML 6Page - ON Semiconductor MR756RLG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MR750 SERIES
http://onsemi.com
7
PACKAGE DIMENSIONS
AXIAL LEAD BUTTON
CASE 194−04
ISSUE H
NOTES:
1. CATHODE SYMBOL ON PACKAGE.
2. 194−01 OBSOLETE, 194−04 NEW
STANDARD.
STYLE 1:
PIN 1. CATHODE
2. ANODE
A
K
B
K
2
1
D
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.43
8.69
0.332
0.342
B
5.94
6.25
0.234
0.246
D
1.27
1.35
0.050
0.053
K
25.15
25.65
0.990
1.010
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MR750/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MR756RLG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR756 MOTOROLA-MR756 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Micro Commercial Compon...
MR756 MCC-MR756 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
logo
Won-Top Electronics
MR756 WTE-MR756 Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
DIOTEC Electronics Corp...
MR756 DEC-MR756 Datasheet
82Kb / 1P
   25 AMP LEAD MOUNT BUTTON DIODES
logo
Shanghai Lunsure Electr...
MR756 CHENYI-MR756 Datasheet
60Kb / 3P
   6Amp rectifier 50-1000 volts
More results

Similar Description - MR756RLG

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MR750 NJSEMI-MR750 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
logo
Motorola, Inc
MR750 MOTOROLA-MR750 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5550 SENSITRON-SS5550 Datasheet
42Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5418 SENSITRON-SS5418 Datasheet
73Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5415 SENSITRON-1N5415 Datasheet
41Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5391 NJSEMI-1N5391 Datasheet
117Kb / 1P
   LEAD-MOUNTED SILICON RECTIFIERS ( 50-1000 VOLTS DIFFUSED JUNCTION )
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
Powerex Power Semicondu...
1N5624 POWEREX-1N5624 Datasheet
159Kb / 4P
   Lead Mounted Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com