Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR760G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MR760G
Description  High Current Lead Mounted Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MR760G Datasheet(HTML) 2 Page - ON Semiconductor

  MR760G Datasheet HTML 1Page - ON Semiconductor MR760G Datasheet HTML 2Page - ON Semiconductor MR760G Datasheet HTML 3Page - ON Semiconductor MR760G Datasheet HTML 4Page - ON Semiconductor MR760G Datasheet HTML 5Page - ON Semiconductor MR760G Datasheet HTML 6Page - ON Semiconductor MR760G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MR750 SERIES
http://onsemi.com
2
MAXIMUM RATINGS
Characteristic
Symbol
MR750
MR751
MR752
MR754
MR756
MR760
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
1000
V
Non−Repetitive Peak Reverse Voltage
(Halfwave, single phase, 60 Hz peak)
VRSM
60
120
240
480
720
1200
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
700
V
Average Rectified Forward Current
(Single phase, resistive load, 60 Hz)
(See Figures 5 and 6)
IO
22 (TL = 60°C, 1/8 in Lead Lengths)
6.0 (TA = 60°C, P.C. Board mounting)
A
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions)
IFSM
400 (for 1 cycle)
A
Operating and Storage Junction
Temperature Range
TJ, Tstg
*65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS
Characteristic and Conditions
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage Drop (iF = 100 A, TJ = 25°C)
vF
1.25
V
Maximum Forward Voltage Drop (IF = 6.0 A, TA = 25°C, 3/8 in leads)
VF
0.90
V
Maximum Reverse Current
TJ = 25°C
(Rated DC Voltage)
TJ = 100°C
IR
25
1.0
mA
mA


Similar Part No. - MR760G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR760 MOTOROLA-MR760 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
SUNMATE electronic Co.,...
MR760 SUNMATE-MR760 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
logo
Shanghai Shunye Electro...
MR760 SHUNYE-MR760 Datasheet
274Kb / 1P
   AUTONOTIVE OPEN JUNCTION BUTTON DIODE
logo
New Jersey Semi-Conduct...
MR760 NJSEMI-MR760 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
logo
EIC discrete Semiconduc...
MR760 EIC-MR760 Datasheet
108Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - MR760G

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MR750 NJSEMI-MR750 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
logo
Motorola, Inc
MR750 MOTOROLA-MR750 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5550 SENSITRON-SS5550 Datasheet
42Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5418 SENSITRON-SS5418 Datasheet
73Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5415 SENSITRON-1N5415 Datasheet
41Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5391 NJSEMI-1N5391 Datasheet
117Kb / 1P
   LEAD-MOUNTED SILICON RECTIFIERS ( 50-1000 VOLTS DIFFUSED JUNCTION )
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
Powerex Power Semicondu...
1N5624 POWEREX-1N5624 Datasheet
159Kb / 4P
   Lead Mounted Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com