Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR760G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MR760G
Description  High Current Lead Mounted Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MR760G Datasheet(HTML) 3 Page - ON Semiconductor

  MR760G Datasheet HTML 1Page - ON Semiconductor MR760G Datasheet HTML 2Page - ON Semiconductor MR760G Datasheet HTML 3Page - ON Semiconductor MR760G Datasheet HTML 4Page - ON Semiconductor MR760G Datasheet HTML 5Page - ON Semiconductor MR760G Datasheet HTML 6Page - ON Semiconductor MR760G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MR750 SERIES
http://onsemi.com
3
Figure 1. Forward Voltage
Figure 2. Maximum Surge Capability
Figure 3. Forward Voltage Temperature Coefficient
Figure 4. Typical Transient Thermal Resistance
1.8
2.4
0.6
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
700
500
20
50
10
5.0
2.0
1.0
1.2
0.8
1.0
1.4
1.6
2.0
2.2
2.6
7.0
100
70
0.2
0.5
0.7
200
30
3.0
0.3
300
MAXIMUM
TYPICAL
TJ = 25°C
NUMBER OF CYCLES AT 60 Hz
100
1.0
300
100
80
60
2.0
5.0
10
20
50
200
400
600
TJ = 175°C
25
°C
VRRM MAY BE APPLIED BETWEEN
EACH CYCLE OF SURGE. THE TJ
NOTED IS TJ PRIOR TO SURGE
iF, INSTANTANEOUS FORWARD CURRENT (AMP)
1.0
0.2
+0.5
0
−0.5
−1.0
−1.5
−2.0
2.0
10
20
100
200
0.5
5.0
50
TYPICAL RANGE
t, TIME (SECONDS)
1.0
10
1.0
0.2
2.0
5.0
10
20
50
5.0
20
3.0
2.0
0.5
0.3
0.1
0.2
0.3
0.5
0.7
3.0
30
7.0
70
Both leads to heat sink, with lengths as shown. Variations in RqJL(t)
below 2.0 seconds are independent of lead connections of 1/8 inch
or greater, and vary only about
±20% from the values shown. Val-
ues for times greater than 2.0 seconds may be obtained by drawing
a curve, with the end point (at 70 seconds) taken from Figure 8, or
calculated from the notes, using the given curves as a guide. Either
typical or maximum values may be used. For RqJL(t) values at pulse
widths less than 0.1 second, the above curve can be extrapolated
down to 10
ms at a continuing slope.
175
°C
25
°C
1/2"
3/8"
1/4"
1/8"
HEAT SINK
L
L


Similar Part No. - MR760G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR760 MOTOROLA-MR760 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
SUNMATE electronic Co.,...
MR760 SUNMATE-MR760 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
logo
Shanghai Shunye Electro...
MR760 SHUNYE-MR760 Datasheet
274Kb / 1P
   AUTONOTIVE OPEN JUNCTION BUTTON DIODE
logo
New Jersey Semi-Conduct...
MR760 NJSEMI-MR760 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
logo
EIC discrete Semiconduc...
MR760 EIC-MR760 Datasheet
108Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - MR760G

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MR750 NJSEMI-MR750 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
logo
Motorola, Inc
MR750 MOTOROLA-MR750 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5550 SENSITRON-SS5550 Datasheet
42Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5418 SENSITRON-SS5418 Datasheet
73Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5415 SENSITRON-1N5415 Datasheet
41Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5391 NJSEMI-1N5391 Datasheet
117Kb / 1P
   LEAD-MOUNTED SILICON RECTIFIERS ( 50-1000 VOLTS DIFFUSED JUNCTION )
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
Powerex Power Semicondu...
1N5624 POWEREX-1N5624 Datasheet
159Kb / 4P
   Lead Mounted Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com