Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRA4007T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MRA4007T3G
Description  Surface Mount Standard Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MRA4007T3G Datasheet(HTML) 2 Page - ON Semiconductor

  MRA4007T3G Datasheet HTML 1Page - ON Semiconductor MRA4007T3G Datasheet HTML 2Page - ON Semiconductor MRA4007T3G Datasheet HTML 3Page - ON Semiconductor MRA4007T3G Datasheet HTML 4Page - ON Semiconductor MRA4007T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MRA4003T3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
MRA4003T3
MRA4004T3
MRA4005T1,
MRA4005T3
MRA4006T3
MRA4007T3
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
300
400
600
800
1000
Volts
Avg. Rectified Forward Current
(At Rated VR, TL = 150°C)
IO
1
Amp
Peak Repetitive Forward Current
(At Rated VR, Square Wave,
20 kHz, TL = 150°C)
IFRM
2
Amps
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions,
halfwave, single phase, 60 Hz)
IFSM
30
Amps
Storage/Operating Case Temperature
Tstg, TC
−55 to 150
°C
Operating Junction Temperature
TJ
−55 to 175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 1)
Thermal Resistance, Junction−to−Ambient (Note 2)
RθJL
RθJA
16.2
88.3
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
TJ = 25°C
TJ = 100°C
Maximum Instantaneous Forward Voltage (Note 3)
(IF = 1 A)
(IF = 2 A)
VF
1.1
1.18
1.04
1.12
Volts
Maximum Instantaneous Reverse Current (at rated DC voltage)
IR
10
50
mA
1. Minimum Pad Size
2. 1 inch Pad Size
3. Pulse Test: Pulse Width
≤ 250 μs, Duty Cycle ≤ 2%.
Figure 1. Typical Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
1.2
1.0
0.8
0.6
0.4
Figure 2. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
400
350
300
250
200
150
100
50
0
1.0E−9
0.01
10E−9
100E−9
1.0E−6
10E−6
100E−6
TJ = 150°C
100
°C 25°C
−40
°C
TJ = 150°C
100
°C
25
°C


Similar Part No. - MRA4007T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRA4007T3G ONSEMI-MRA4007T3G Datasheet
54Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
MRA4007T3G ONSEMI-MRA4007T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
MRA4007T3G ONSEMI-MRA4007T3G Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
MRA4007T3G ONSEMI-MRA4007T3G Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
MRA4007T3G ONSEMI-MRA4007T3G Datasheet
2Mb / 26P
   Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
More results

Similar Description - MRA4007T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRS1504T3G ONSEMI-MRS1504T3G_12 Datasheet
111Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
MRA4003T3 ONSEMI-MRA4003T3 Datasheet
54Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
MRS1504T3 ONSEMI-MRS1504T3 Datasheet
60Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
June, 2006 ??Rev. 4
MRA4003T3G ONSEMI-MRA4003T3G_16 Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
NRVA4004T3G ONSEMI-NRVA4004T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com