Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC739 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC739
Description  16-bit Voice Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC739 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC739 Datasheet HTML 2Page - SONiX Technology Company SNC739 Datasheet HTML 3Page - SONiX Technology Company SNC739 Datasheet HTML 4Page - SONiX Technology Company SNC739 Datasheet HTML 5Page - SONiX Technology Company SNC739 Datasheet HTML 6Page - SONiX Technology Company SNC739 Datasheet HTML 7Page - SONiX Technology Company SNC739 Datasheet HTML 8Page - SONiX Technology Company SNC739 Datasheet HTML 9Page - SONiX Technology Company SNC739 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary
SNC739
16-bit Voice Processor
Ver. 1.6
March 7, 2007
6
4. ROM TABLE
The total ROM size is 256K words. It split two parts including high speed and low
speed ROM area, but user also can program all area. In high speed ROM had a small
OS to control all function flow. We recommend user put you program in high speed
ROM and put data in low speed ROM to get high performance.
High Speed RO M
(64K W ords)
Low Speed RO M
(192K W ords)
0x000000
0x00FFFF
0x010000
0x03FFFF


Similar Part No. - SNC739

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
   16-bit Voice Processor
More results

Similar Description - SNC739

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC759 SONIX-SNC759 Datasheet
163Kb / 16P
   16-bit Voice Processor
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
   16-bit Voice Processor
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC749 SONIX-SNC749 Datasheet
146Kb / 16P
   16-bit Voice Processor
SNC725 SONIX-SNC725 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC745 SONIX-SNC745 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC729 SONIX-SNC729 Datasheet
164Kb / 16P
   16-bit Voice Processor
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
logo
List of Unclassifed Man...
N571P032 ETC2-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
logo
SONiX Technology Compan...
SNC710 SONIX-SNC710 Datasheet
499Kb / 16P
   16-bit Voice Engine
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com