Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33368DR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33368DR2G
Description  High Voltage GreenLine TM Power Factor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33368DR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33368DR2G Datasheet HTML 2Page - ON Semiconductor MC33368DR2G Datasheet HTML 3Page - ON Semiconductor MC33368DR2G Datasheet HTML 4Page - ON Semiconductor MC33368DR2G Datasheet HTML 5Page - ON Semiconductor MC33368DR2G Datasheet HTML 6Page - ON Semiconductor MC33368DR2G Datasheet HTML 7Page - ON Semiconductor MC33368DR2G Datasheet HTML 8Page - ON Semiconductor MC33368DR2G Datasheet HTML 9Page - ON Semiconductor MC33368DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC33368
http://onsemi.com
6
0.01
1000
t, TIME (s)
100
10
0.1
1.0
10
100
400
2.0
6.0
−55
500
20
−55
1.80
200 ms/DIV
VCC, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
5.0
ms/DIV
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Quickstart Charge Current
versus Temperature
Figure 9. Watchdog Timer Delay
versus Temperature
Figure 10. Drive Output Waveform
Figure 11. Supply Current versus
Supply Voltage
Figure 12. Transient Thermal Resistance
Figure 13. Low Load Detection
Response Waveform
VCC = 14 V
CL = 1000 pF
TA = 25°C
CO = 1000 pF
Pin 3, 6, 8= GND
Pin 5 = 1.0 k to GND
TA = 25°C
Voltage
Current
Output
Voltage
Load
Current
VCC = 14 V
VCC = 14 V
1.76
1.72
1.68
1.64
15
10
5.0
0
200
0
4.0
2.0
0
460
420
380
340
−25
0
25
50
75
100
125
−25
0
25
50
75
100
125
4.0
6.0
8.0
10
12
14
3.0
2.0
1.0
0
1.50
1.30
1.10
0.90
0.70
−5.0
Pulse tested with a 4.0 V peak, 50 kHz square
wave through a 22 k resistance into Pin 7.


Similar Part No. - MC33368DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33368DR2G ONSEMI-MC33368DR2G Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
More results

Similar Description - MC33368DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33368 ONSEMI-MC33368 Datasheet
476Kb / 20P
   High Voltage GreenLine Power Factor Controller
April, 2000 ??Rev. 4
MC33368 ONSEMI-MC33368_11 Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
NCP1618A ONSEMI-NCP1618A Datasheet
986Kb / 28P
   High-Voltage, Multimode Power Factor Controller
February, 2021 ??Rev. 1
NCP1618 ONSEMI-NCP1618 Datasheet
941Kb / 27P
   High-Voltage, Multimode Power Factor Controller
June, 2020 ??Rev. 0
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com