Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC12020 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC12020
Description  One Channel Speech Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC12020 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC12020 Datasheet HTML 1Page - SONiX Technology Company SNC12020 Datasheet HTML 2Page - SONiX Technology Company SNC12020 Datasheet HTML 3Page - SONiX Technology Company SNC12020 Datasheet HTML 4Page - SONiX Technology Company SNC12020 Datasheet HTML 5Page - SONiX Technology Company SNC12020 Datasheet HTML 6Page - SONiX Technology Company SNC12020 Datasheet HTML 7Page - SONiX Technology Company SNC12020 Datasheet HTML 8Page - SONiX Technology Company SNC12020 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SNC12020
One Channel Speech Controller
1. INTRODUCTION
SNC12020 is a one-channel voice synthesizer IC with Push-Pull direct drive circuit. It
built-in a 4-bit tiny controller with three 4-bit I/O ports. By programming through the tiny
controller in SNC12020, user’s varied applications including voice section combination,
key trigger arrangement, output control, and other logic functions can be easily
implemented.
2. FEATURES
Single power supply 2.4V – 5.5V
20 seconds voice capacity are provided (@6KHZ sample rate)
Built in a 4-bit tiny controller
I/O Port
Three 4-bit I/O ports P1, P2 and P3 are provided.
The driving/sink current of P3.2 & P3.3 is up to 8mA/16mA
The IO pins P3.3 can be modulated with 38.5Khz carry signal to implement IR
function.
64*4 bits RAM are provided
Maximum 16k program ROM is provided
64K*10 shared ROM for voice data and program
Readable ROM code data
Built in one channel speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Built in an 8-level volume control Push-Pull Direct Drive circuit output, can directly
connected to Speaker for sound output.
System clock: 2MHz
Event Mark function supported
Low Power Reset
Watch Dog Timer Supported
3. PIN ASSIGNMENT
Symbol
I/O
Function Description
P10~P13
I/O
I/O port 1: IO
P20~P23
I/O
I/O port 2: IO
P30~P33
I/O
I/O port 3: IO
Rosc
I
Oscillation component connection pin
BUO1
O
Push-Pull output 1
BUO2
O
Push-Pull output 2
RST
I
RST=1
Reset Chip (Active H)
VDD
I
Positive power supply
GND
I
Negative power supply
Test
I
Test pin
Ver: 1.4
March 17, 2005
3


Similar Part No. - SNC12020

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12010 SONIX-SNC12010 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12040 SONIX-SNC12040 Datasheet
351Kb / 9P
   One Channel Speech Controller
More results

Similar Description - SNC12020

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com