Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33502 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33502
Description  1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33502 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33502 Datasheet HTML 7Page - ON Semiconductor MC33502 Datasheet HTML 8Page - ON Semiconductor MC33502 Datasheet HTML 9Page - ON Semiconductor MC33502 Datasheet HTML 10Page - ON Semiconductor MC33502 Datasheet HTML 11Page - ON Semiconductor MC33502 Datasheet HTML 12Page - ON Semiconductor MC33502 Datasheet HTML 13Page - ON Semiconductor MC33502 Datasheet HTML 14Page - ON Semiconductor MC33502 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC33502
http://onsemi.com
11
12
3
4
5
6
7
VCC − VEE, SUPPLY VOLTAGE (V)
0
0
20
40
20
40
60
80
100
60
80
100
Phase Margin
Gain Margin
RL = 600 W
CL = 0
TA = 25°C
10
1.0 k
100
100 k
10
20
30
40
50
60
70
10 k
f, FREQUENCY (Hz)
VCC − VEE = 5.0 V
TA = 25°C
−55
−25
0
25
50
75
100
125
0
0.4
0.8
1.2
1.6
AVOL ≥ 10 dB
RL = 600 W
VCC − VEE, SUPPLY VOLTAGE (V)
0
1.0
2.0
3.0
4.0
0
20
40
60
120
5.0
6.0
RL = 600 W
TA = 25°C
80
100
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
0
2.0
4.0
6.0
8.0
RL= 600 W
TA = 25°C
Figure 27. Channel Separation
versus Frequency
30
100
10 k
100 k
300 k
300
30 k
AV = 100
0
20
40
100
120
60
80
VCC − VEE = 5.0 V
RL = 600 W
VO = 4.0 Vpp
TA = 25°C
f, FREQUENCY (Hz)
AV = 10
0
0
TA, AMBIENT TEMPERATURE (°C)
Figure 28. Output Voltage Swing
versus Supply Voltage
Figure 29. Equivalent Input Noise Voltage
versus Frequency
Figure 30. Gain and Phase Margin
versus Supply Voltage
Figure 31. Useable Supply Voltage
versus Temperature
Figure 32. Open Loop Gain
versus Supply Voltage


Similar Part No. - MC33502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33502 ONSEMI-MC33502 Datasheet
329Kb / 15P
   LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER
1998 REV 0
MC33502D ONSEMI-MC33502D Datasheet
329Kb / 15P
   LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER
1998 REV 0
MC33502P ONSEMI-MC33502P Datasheet
329Kb / 15P
   LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER
1998 REV 0
More results

Similar Description - MC33502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
MC33501 ONSEMI-MC33501 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_14 Datasheet
534Kb / 11P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com