Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33560DTB Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33560DTB
Description  Power Management and Interface IC for Smartcard Readers and Couplers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33560DTB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33560DTB Datasheet HTML 3Page - ON Semiconductor MC33560DTB Datasheet HTML 4Page - ON Semiconductor MC33560DTB Datasheet HTML 5Page - ON Semiconductor MC33560DTB Datasheet HTML 6Page - ON Semiconductor MC33560DTB Datasheet HTML 7Page - ON Semiconductor MC33560DTB Datasheet HTML 8Page - ON Semiconductor MC33560DTB Datasheet HTML 9Page - ON Semiconductor MC33560DTB Datasheet HTML 10Page - ON Semiconductor MC33560DTB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MC33560
http://onsemi.com
7
Figure 8. Maximum Card Supply Current
vs. RLIM (VCC = 5.0 V, VBAT = 4.0 V)
Figure 9. Maximum Card Supply Current
vs. RLIM (VCC = 3.0 V, VBAT = 2.5 V)
Figure 10. Low Side Switch Saturation Voltage
(IL = 50 mA) vs. Temperature
Figure 11. Rectifier On Saturation Voltage
(IL = 50 mA) vs. Temperature
Figure 12. Card Detection (Insertion) Filter Time
vs. Temperature
Figure 13. Card Detection (Extraction) Filter Time
vs. Temperature
100
Rlim (ohms)
20
0
12
L1 = 47
mH
34
L1 = 100
mH
40
60
80
0
Mode Sync
SYNCLK=4MHz
VBAT=4V
5
L1 = 22
mH
100
Rlim (ohms)
20
0
12
L1 = 47
mH
34
L1 = 100
mH
40
60
80
0
Mode Sync
SYNCLK = 4 MHz
VBAT = 2.5 V
5
L1 = 22
mH
120
120
TA, Ambient Temperature (°C)
0.02
0.01
0.00
−5
15
95
35
55
75
0.03
0.04
0.05
0.06
0.07
0.08
−25
TA, Ambient Temperature (°C)
0.10
0.05
0.00
−5
15
95
35
55
75
0.15
0.20
0.25
0.30
0.35
−25
TA, Ambient Temperature (°C)
TA, Ambient Temperature (°C)
80
75
70
115
85
90
95
100
105
110
80
75
70
115
85
90
95
100
105
110
−5
15
95
35
55
75
−25
−5
15
95
35
55
75
−25


Similar Part No. - MC33560DTB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33560DTB ONSEMI-MC33560DTB Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DTBR2 ONSEMI-MC33560DTBR2 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
More results

Similar Description - MC33560DTB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
ELATEC GmbH
HKSD-B ELATEC-HKSD-B Datasheet
227Kb / 2P
   TWN4 SmartCard holder Mounting solution for TWN4 MultiTech SmartCard readers
11/2023
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com