Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33375ST-3.3T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33375ST-3.3T3
Description  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375ST-3.3T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33375ST-3.3T3 Datasheet HTML 1Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 2Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 3Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 4Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 5Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 6Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 7Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 8Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 10
1
Publication Order Number:
MC33375/D
MC33375 Series
300 mA, Low Dropout
Voltage Regulator with
On/Off Control
The MC33375 series are micropower low dropout voltage
regulators available in a wide variety of output voltages as well as
packages, SOT−223 and SOP−8. These devices feature a very low
quiescent current and are capable of supplying output currents up to
300 mA. Internal current and thermal limiting protection are provided
by the presence of a short circuit at the output and an internal thermal
shutdown circuit.
The MC33375 has a control pin that allows a logic level signal to
turn−off or turn−on the regulator output.
Due to the low input−to−output voltage differential and bias current
specifications, these devices are ideally suited for battery powered
computer, consumer, and industrial equipment where an extension of
useful battery life is desirable.
Features:
Low Quiescent Current (0.3 mA in OFF mode; 125 mA in ON mode)
Low Input−to−Output Voltage Differential of 25 mV at IO = 10 mA,
and 260 mV at IO = 300 mA
Extremely Tight Line and Load Regulation
Stable with Output Capacitance of only 0.33 mF for 2.5 V Output
Voltage
Internal Current and Thermal Limiting
Logic Level ON/OFF Control
Pb−Free Packages are Available
Figure 1. Simplified Block Diagram
Vin
Thermal &
Anti−sat
Protection
54 K
Rint
This device contains 41 active transistors
1.23 V
V. Ref.
Vout
GND
On/Off
Block
On/Off
LOW DROPOUT
MICROPOWER VOLTAGE
REGULATOR
SOIC−8
D SUFFIX
CASE 751
SOT−223
ST SUFFIX
CASE 318E
4
1
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 11 of this data sheet.
http://onsemi.com
1
AYM
375xx
G
G
MARKING
DIAGRAMS
A = Assembly Location
Y = Year
M = Date Code
L
= Wafer Lot
W = Work Week
xx = Voltage Version
G = Pb−Free Package
1
8
375xx
ALYW
G
1
8
(Note: Microdot may be in either location)


Similar Part No. - MC33375ST-3.3T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375ST-3.3T3 ONSEMI-MC33375ST-3.3T3 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375ST-3.3T3 ONSEMI-MC33375ST-3.3T3 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375ST-3.3T3G ONSEMI-MC33375ST-3.3T3G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Similar Description - MC33375ST-3.3T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com