Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33680FTBR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33680FTBR2
Description  Dual DC?묭C Regulator for Electronic Organizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33680FTBR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33680FTBR2 Datasheet HTML 2Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 3Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 4Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 5Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 6Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 7Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 8Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 9Page - ON Semiconductor MC33680FTBR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC33680
http://onsemi.com
6
DYNAMIC ELECTRICAL CHARACTERISTICS (Refer to TIMING DIAGRAMS, TA = 0 to 70°C unless otherwise noted.)
Rating
Symbol
Min
Typ
Max
Unit
Minimum PORB to Control delay
tPORC
500
nS
1
80%
1
90%
1
80%
0
90%
VIN, INPUT VOLTAGE (V)
VIN, INPUT VOLTAGE (V)
IOUT_AUX, AUX OUTPUT CURRENT (mA)
Figure 4. Efficiency of VMAIN versus Output
Current (VMAIN = 3.3 V, L = 33 uH, Various VIN)
IOUT_MAIN, MAIN OUTPUT CURRENT (mA)
Figure 5. Efficiency of VMAIN versus Input
Voltage (VMAIN = 3.3 V, L1 = 33 uH, Various IOUT)
Figure 6. Efficiency of VAUX versus Output
Current (VAUX = 25 V, L2 = 33 uH, Various VIN)
Figure 7. Efficiency of VAUX versus Input
Voltage (VAUX = 25 V, L2 = 33 uH, Various IOUT)
85%
80%
75%
70%
10
60
70
80
90
100
85%
80%
75%
70%
1.5
2
3
75%
70%
65%
60%
55%
50%
35
7
11
13
15
75%
70%
65%
60%
55%
50%
1.5
2
2.5
3
2.5
9
Vin = 3V
Vin = 1.8V
Vin = 1.5V
Vin = 1V
Iout = 10mA
Iout = 60mA
Iout = 100mA
Iout = 1mA
Iout = 5mA
Iout = 10mA
Iout = 15mA
Vin = 3V
Vin = 1.8V
Vin = 1.5V
Vin = 1V
20
30
40
50


Similar Part No. - MC33680FTBR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33680FTBR2 ONSEMI-MC33680FTBR2 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
More results

Similar Description - MC33680FTBR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33680 ONSEMI-MC33680 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
logo
Toshiba Semiconductor
2SK3205 TOSHIBA-2SK3205 Datasheet
133Kb / 3P
   Switching Regulator Applications DC?묭C Converter
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK2965 TOSHIBA-2SK2965_09 Datasheet
219Kb / 6P
   Switching Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com