Selected language     English  ▼


MSD42WT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MSD42WT1
Description  NPN Silicon General Purpose High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
MSD42WT1, MSD42T1
http://onsemi.com
3
PACKAGE DIMENSIONS
SC−70 (SOT−323)
CASE 419−04
ISSUE L
C
N
A
L
D
G
S
B
H
J
K
3
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.032
0.040
0.80
1.00
D
0.012
0.016
0.30
0.40
G
0.047
0.055
1.20
1.40
H
0.000
0.004
0.00
0.10
J
0.004
0.010
0.10
0.25
K
0.017 REF
0.425 REF
L
0.026 BSC
0.650 BSC
N
0.028 REF
0.700 REF
S
0.079
0.095
2.00
2.40
0.05 (0.002)
STYLE 3:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
SC−70/SOT−323
1.9
0.075
0.65
0.025
0.65
0.025
0.9
0.035
0.7
0.028
mm
inches
SCALE 10:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
2N6251High Voltage NPN Silicon Power Transistors 1 2 3 4 5 MoreMotorola, Inc
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
BUL310PIHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
CSC2229YNPN SILICON HIGH VOLTAGE TRANSISTOR 1 2 3 Continental Device India Limited
MMBT2132T3_06General Purpose Transistors NPN Bipolar Junction Transistor 1 2 3 4 ON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl