Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33023 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33023
Description  High Speed Single?묮nded PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33023 Datasheet HTML 1Page - ON Semiconductor MC33023 Datasheet HTML 2Page - ON Semiconductor MC33023 Datasheet HTML 3Page - ON Semiconductor MC33023 Datasheet HTML 4Page - ON Semiconductor MC33023 Datasheet HTML 5Page - ON Semiconductor MC33023 Datasheet HTML 6Page - ON Semiconductor MC33023 Datasheet HTML 7Page - ON Semiconductor MC33023 Datasheet HTML 8Page - ON Semiconductor MC33023 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MC34023, MC33023
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kW, CT = 1.0 nF, for typical values TA = + 25°C, for min/max values TA
is the operating ambient temperature range that applies [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = + 25°C)
Vref
5.05
5.1
5.15
V
Line Regulation (VCC = 10 V to 30 V)
Regline
2.0
15
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
2.0
15
mV
Temperature Stability
TS
0.2
mV/
°C
Total Output Variation over Line, Load, and Temperature
Vref
4.95
5.25
V
Output Noise Voltage (f = 10 Hz to 10 kHz, TJ = + 25°C)
Vn
50
mV
Long Term Stability (TA = +125°C for 1000 Hours)
S
5.0
mV
Output Short Circuit Current
ISC
− 30
−65
−100
mA
OSCILLATOR SECTION
Frequency
TJ = + 25°C
Line (VCC = 10 V to 30 V) and Temperature (TA = Tlow to Thigh)
fosc
380
370
400
400
420
430
kHz
Frequency Change with Voltage (VCC = 10 V to 30 V)
Dfosc/DV
0.2
1.0
%
Frequency Change with Temperature (TA = Tlow to Thigh)
Dfosc/DT
2.0
%
Sawtooth Peak Voltage
VOSC(P)
2.6
2.8
3.0
V
Sawtooth Valley Voltage
VOSC(V)
0.7
1.0
1.25
V
Clock Output Voltage
High State
Low State
VOH
VOL
3.9
4.5
2.3
2.9
V
ERROR AMPLIFIER SECTION
Input Offset Voltage
VIO
15
mV
Input Bias Current
IIB
0.6
3.0
mA
Input Offset Current
IIO
0.1
1.0
mA
Open−Loop Voltage Gain (VO = 1.0 V to 4.0 V)
AVOL
60
95
dB
Gain Bandwidth Product (TJ = + 25°C)
GBW
4.0
8.3
MHz
Common Mode Rejection Ratio (VCM = 1.5 V to 5.5 V)
CMRR
75
95
dB
Power Supply Rejection Ratio (VCC = 10 V to 30 V)
PSRR
85
110
dB
Output Current, Source (VO = 4.0 V)
Output Current, Sink (VO = 1.0 V)
ISource
ISink
0.5
1.0
3.0
3.6
mA
Output Voltage Swing, High State (IO = − 0.5 mA)
Output Voltage Swing, Low State (IO = 1 mA)
VOH
VOL
4.5
0
4.75
0.4
5.0
1.0
V
Slew Rate
SR
6.0
12
V/
ms
PWM COMPARATOR SECTION
Ramp Input Bias Current
IIB
−0.5
−5.0
mA
Duty Cycle, Maximum
Duty Cycle, Minimum
DC(max)
DC(min)
80
90
0
%
Zero Duty Cycle Threshold Voltage Pin 3(4) (Pin 7(9) = 0 V)
Vth
1.1
1.25
1.4
V
Propagation Delay (Ramp Input to Output, TJ =+ 25°C)
tPLH(in/out)
60
100
ns
SOFT−START SECTION
Charge Current (VSoft−Start = 0.5 V)
Ichg
3.0
9.0
20
mA
Discharge Current (VSoft−Start = 1.5 V)
Idischg
1.0
4.0
mA
1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for MC34023
Thigh = +70°C for MC34023
=−40
°C for MC33023
= +105
°C for MC33023


Similar Part No. - MC33023

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33023 ONSEMI-MC33023 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33023DW ONSEMI-MC33023DW Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC33023P ONSEMI-MC33023P Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
More results

Similar Description - MC33023

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com