Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33025P Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33025P
Description  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025P Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33025P Datasheet HTML 7Page - ON Semiconductor MC33025P Datasheet HTML 8Page - ON Semiconductor MC33025P Datasheet HTML 9Page - ON Semiconductor MC33025P Datasheet HTML 10Page - ON Semiconductor MC33025P Datasheet HTML 11Page - ON Semiconductor MC33025P Datasheet HTML 12Page - ON Semiconductor MC33025P Datasheet HTML 13Page - ON Semiconductor MC33025P Datasheet HTML 14Page - ON Semiconductor MC33025P Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC34025, MC33025
http://onsemi.com
11
CT
Vref
RDT
RT
4
Oscillator
Figure 24. Dead Time Addition
5
6
Additional dead time can be added by the addition of a dead
time resistor from Vref to CT. See text on oscillator section for
more information.
5.0 V
0 V
CT
RT
Oscillator
Figure 25. External Clock Synchronization
4
5
6
The sync pulse fed into the clock pin must be at least 3.9 V. RT
and CT need to be set 10% slower than the sync frequency. This
circuit is also used in voltage mode operation for master/slave
operation. The clock signal would be coming from the master
which is set at the desired operating frequency, while the slave
is set 10% slower.
Figure 26. Resistive Current Sensing
ISense
9
The addition of an RC filter will eliminate instability caused by the
leading edge spike on the current waveform. This sense signal
can also be used at the ramp input pin for current mode control.
For ramp compensation it is necessary to know the gain of the
current feedback loop. If a transformer is used, the gain can be
calculated by:
A
i +
RSense
turns ratio
Figure 27. Primary Side Current Sensing
Rw
ISense
9
Figure 28. Primary or Secondary Side
Current Sensing
0
ISense
Rw
9
A
i +
Rw
turns ratio
The addition of an RC filter will eliminate instability caused by the leading edge spike on the current waveform. This sense signal can also
be used at the ramp input pin for current mode control. For ramp compensation it is necessary to know the gain of the current feedback
loop. The gain can be calculated by:


Similar Part No. - MC33025P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33025P ONSEMI-MC33025P Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC33025PG ONSEMI-MC33025PG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

Similar Description - MC33025P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com