Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5111DW1T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUN5111DW1T1
Description  Dual Bias Resistor Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5111DW1T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MUN5111DW1T1_05 Datasheet HTML 1Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 2Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 3Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 4Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 5Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 6Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 7Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 8Page - ON Semiconductor MUN5111DW1T1_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MUN5111DW1T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, common for Q1 and Q2)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = −50 V, IE = 0)
ICBO
−100
nAdc
Collector-Emitter Cutoff Current (VCE = −50 V, IB = 0)
ICEO
−500
nAdc
Emitter-Base Cutoff Current
MUN5111DW1T1
(VEB = −6.0 V, IC = 0)
MUN5112DW1T1
MUN5113DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5136DW1T1
MUN5137DW1T1
IEBO
−0.5
−0.2
−0.1
−0.2
−0.9
−1.9
−4.3
−2.3
−1.5
−0.18
−0.13
−0.2
−0.05
−0.13
mAdc
Collector-Base Breakdown Voltage (IC = −10 mA, IE = 0)
V(BR)CBO
−50
Vdc
Collector-Emitter Breakdown Voltage (Note 3) (IC = −2.0 mA, IB = 0)
V(BR)CEO
−50
Vdc
ON CHARACTERISTICS (Note 3)
Collector-Emitter Saturation Voltage (IC = −10 mA, IE = −0.3 mA)
(IC = −10 mA, IB = −5 mA)
MUN5130DW1T1/MUN5131DW1T1
(IC = −10 mA, IB = −1 mA)
MUN5115DW1T1/MUN5116DW1T1
MUN5132DW1T1/MUN5133DW1T1/MUN5134DW1T1
VCE(sat)
−0.25
Vdc
DC Current Gain
MUN5111DW1T1
(VCE = −10 V, IC = −5.0 mA)
MUN5112DW1T1
MUN5113DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5136DW1T1
MUN5137DW1T1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
250
250
5.0
15
27
140
130
140
130
140
Output Voltage (on)
(VCC = −5.0 V, VB = −2.5 V, RL = 1.0 kW)
MUN5111DW1T1
MUN5112DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
(VCC = −5.0 V, VB = −3.5 V, RL = 1.0 kW)
MUN5113DW1T1
(VCC = −5.0 V, VB = −5.5 V, RL = 1.0 kW)
MUN5136DW1T1
(VCC = −5.0 V, VB = −4.0 V, RL = 1.0 kW)
MUN5137DW1T1
VOL
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
−0.2
Vdc
Output Voltage (off) (VCC = −5.0 V, VB = −0.5 V, RL = 1.0 kW)
(VCC = −5.0 V, VB = −0.05 V, RL = 1.0 kW)
MUN5130DW1T1
(VCC = −5.0 V, VB = − 0.25 V, RL = 1.0 kW)
MUN5115DW1T1
MUN5116DW1T1
MUN5131DW1T1
MUN5133DW1T1
VOH
−4.9
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - MUN5111DW1T1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
More results

Similar Description - MUN5111DW1T1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com