Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2TPMI336IRAGXXOBC Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # A2TPMI336IRAGXXOBC
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI336IRAGXXOBC Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  A2TPMI336IRAGXXOBC Datasheet HTML 1Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 2Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 3Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI336IRAGXXOBC Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 5 of 21
Rev. Oct 2003
Absolute Maximum ratings
Parameter
Min
MAX
Supply Voltage VDD
-0.3 V
+6.5 V
Storage Temperature Range (Note 1)
-40 °C
100°C
Operating Temperature Range
-25°C
100°C
Voltage at all inputs and outputs (Note 1)
-0.3 V
VDD +0.3 V
Current at input pins (Note 2)
+/- 5mA
Lead temperature (Soldering, 10sec)
+300°C
ESD Tolerance (Note 3)
2.5 kV
Note 1: Extension to 120°C for limited periods of several minutes possible
Note 2: Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings
Note 3: Human body model, 1.5k
W in series with 100pF. All pins rated per method 3015.7 of MIL-STD-883.
Static-sensitive device. Unused devices must be stored in conductive material. Protect devices from static discharge and static
fields. Stresses above those listed under “Absolute maximum ratings” may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Precautions should be taken to avoid reverse polarity of power supply. Reversed polarity of power supply results in a destroyed
unit.
Do not expose the sensors to aggressive detergents such as freon, trichlorethylen, etc. Optical windows (e.g. filter, lens) may be
cleaned with alcohol and cotton swab.
Electrical Characteristics
Unless otherwise indicated, all limits specified for TA = 25°C, VDD = +5 V
Symbol Parameter
Min
Typ
Max
Unit
Conditions
Power Supply
VDD
Supply Voltage
4.5
5
5.5
V
IDD
Supply Current
1.5
2
mA
RL > 1MW
Outputs VTobj / VTambESD
VO
Output Voltage Swing
0.25
VDD
0.25V
V
Iout: -100mA … +100mA
RO
Output Resistance
100
W
RL
Resistive Output Load
50
k
W
CL
Capacitive Output Load
100
500
pF
6
mA
Sourcing
ISC
Output short circuit current
13
mA
Sinking
Serial Interface SDAT, SCLK
ViL
Low level input voltage
0.3 VDD
V
ViH
High level input voltage
0.7VDD
V
IiL
Low level input current
-600
-200
mA
IiH
High level input current
1
mA


Similar Part No. - A2TPMI336IRAGXXOBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI336IRAGXXOBC

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com