Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2131T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUN2131T1
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2131T1 Datasheet(HTML) 2 Page - ON Semiconductor

  MUN2131T1 Datasheet HTML 1Page - ON Semiconductor MUN2131T1 Datasheet HTML 2Page - ON Semiconductor MUN2131T1 Datasheet HTML 3Page - ON Semiconductor MUN2131T1 Datasheet HTML 4Page - ON Semiconductor MUN2131T1 Datasheet HTML 5Page - ON Semiconductor MUN2131T1 Datasheet HTML 6Page - ON Semiconductor MUN2131T1 Datasheet HTML 7Page - ON Semiconductor MUN2131T1 Datasheet HTML 8Page - ON Semiconductor MUN2131T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MUN2111T1 Series
http://onsemi.com
2
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
Shipping
MUN2111T1
SC−59
6A
10
10
3000 / Tape & Reel
MUN2111T1G
SC−59
(Pb−Free)
6A
10
10
MUN2111T3G
SC−59
(Pb−Free)
6A
10
10
10,000 / Tape & Reel
MUN2112T1
SC−59
6B
22
22
3000 / Tape & Reel
MUN2112T1G
SC−59
(Pb−Free)
6B
22
22
MUN2113T1
SC−59
6C
47
47
MUN2113T1G
SC−59
(Pb−Free)
6C
47
47
MUN2114T1
SC−59
6D
10
47
MUN2114T1G
SC−59
(Pb−Free)
6D
10
47
MUN2115T1 (Note 3)
SC−59
6E
10
MUN2115T1G (Note 3)
SC−59
(Pb−Free)
6E
10
MUN2116T1 (Note 3)
SC−59
6F
4.7
MUN2116T1G (Note 3)
SC−59
(Pb−Free)
6F
4.7
MUN2130T1 (Note 3)
SC−59
6G
1.0
1.0
MUN2130T1G (Note 3)
SC−59
(Pb−Free)
6G
1.0
1.0
MUN2131T1 (Note 3)
SC−59
6H
2.2
2.2
MUN2131T1G (Note 3)
SC−59
(Pb−Free)
6H
2.2
2.2
MUN2132T1 (Note 3)
SC−59
6J
4.7
4.7
MUN2132T1G (Note 3)
SC−59
(Pb−Free)
6J
4.7
4.7
MUN2133T1 (Note 3)
SC−59
6K
4.7
47
MUN2133T1G (Note 3)
SC−59
(Pb−Free)
6K
4.7
47
MUN2134T1 (Note 3)
SC−59
6L
22
47
MUN2134T1G (Note 3)
SC−59
(Pb−Free)
6L
22
47
MUN2136T1
SC−59
6N
100
100
MUN2136T1G
SC−59
(Pb−Free)
6N
100
100
MUN2137T1
SC−59
6P
47
22
MUN2137T1G
SC−59
(Pb−Free)
6P
47
22
MUN2140T1 (Note 3)
SC−59
6T
47
MUN2140T1G (Note 3)
SC−59
(Pb−Free)
6T
47
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
3. New resistor combinations. Updated curves to follow in subsequent data sheets.


Similar Part No. - MUN2131T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN2131T1 MOTOROLA-MUN2131T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN2131T1 ONSEMI-MUN2131T1 Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
MUN2131T1G ONSEMI-MUN2131T1G Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
MUN2131T1G ONSEMI-MUN2131T1G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2131T1G ONSEMI-MUN2131T1G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MUN2131T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com