Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR220G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR220G
Description  SWITCHMODE TM Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR220G Datasheet(HTML) 3 Page - ON Semiconductor

  MUR220G Datasheet HTML 1Page - ON Semiconductor MUR220G Datasheet HTML 2Page - ON Semiconductor MUR220G Datasheet HTML 3Page - ON Semiconductor MUR220G Datasheet HTML 4Page - ON Semiconductor MUR220G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MUR220
http://onsemi.com
3
20
0.1
10
100
40
60
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Maximum Reverse Current
80
160
200
0.01
1.0
100
120
140
180
75°C
IR @ 150°C
25°C
125°C
VR, REVERSE VOLTAGE (VOLTS)
20
60
40
80
100
0.001
0.1
1.0
200
Figure 4. Typical Reverse Current
140
120
0.01
125°C
25°C
10
180
160
75°C
IR @ 150°C
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.5
TA, AMBIENT TEMPERATURE (°C)
050
0
2.0
1.0
3.0
5.0
4.0
200
Figure 5. Current Derating
Figure 6. Power Dissipation
Figure 7. Typical Capacitance
150
100
dc
SQUARE WAVE
SQUARE WAVE
dc
0
10
30
50
5.0
10
20
VR, REVERSE VOLTAGE (VOLTS)
TJ = 25°C
30
40
50
7.0
20


Similar Part No. - MUR220G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
logo
RFE international
MUR220 RFE-MUR220 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier MUR220 Through MUR260
09-30-2022
logo
Rectron Semiconductor
MUR220 RECTRON-MUR220 Datasheet
192Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
logo
Gulf Semiconductor
MUR220 GULFSEMI-MUR220 Datasheet
176Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
logo
Yea Shin Technology Co....
MUR220 YEASHIN-MUR220 Datasheet
199Kb / 3P
   Power Rectifier designed for use in switching power supplies
More results

Similar Description - MUR220G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR210 ONSEMI-MUR210_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
February, 2006 ??Rev. 1
MUR240 ONSEMI-MUR240_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MBR4015CTL ONSEMI-MBR4015CTL Datasheet
49Kb / 4P
   SWITCHMODE TM Power Rectifier
September, 2005 ??Rev. 4
BYV32-200 ONSEMI-BYV32-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 2
MUR260 ONSEMI-MUR260_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 4
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
MBRP40030CTL ONSEMI-MBRP40030CTL Datasheet
65Kb / 8P
   POWERTAP-TM II SWITCHMODE-TM Power Rectifier
October, 2000 ??Rev. 2
MUR480E ONSEMI-MUR480E_07 Datasheet
88Kb / 6P
   SWITCHMODE TM Power Rectifiers
February, 2007 ??Rev. 7
BYW80 ONSEMI-BYW80 Datasheet
59Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 2
MUR420 ONSEMI-MUR420_06 Datasheet
67Kb / 7P
   SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com