Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2133T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN2133T1
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2133T1 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN2133T1 Datasheet HTML 1Page - ON Semiconductor MUN2133T1 Datasheet HTML 2Page - ON Semiconductor MUN2133T1 Datasheet HTML 3Page - ON Semiconductor MUN2133T1 Datasheet HTML 4Page - ON Semiconductor MUN2133T1 Datasheet HTML 5Page - ON Semiconductor MUN2133T1 Datasheet HTML 6Page - ON Semiconductor MUN2133T1 Datasheet HTML 7Page - ON Semiconductor MUN2133T1 Datasheet HTML 8Page - ON Semiconductor MUN2133T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MUN2111T1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Symbol
ON CHARACTERISTICS (Note 4)
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
MUN2111T1
MUN2112T1
MUN2113T1
MUN2114T1
MUN2133T1
MUN2134T1
MUN2136T1
MUN2137T1
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN2130T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN2115T1
MUN2116T1
MUN2131T1
MUN2132T1
MUN2140T1
VOH
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
Vdc
Input Resistor
MUN2111T1
MUN2112T1
MUN2113T1
MUN2114T1
MUN2115T1
MUN2116T1
MUN2130T1
MUN2131T1
MUN2132T1
MUN2133T1
MUN2134T1
MUN2136T1
MUN2137T1
MUN2140T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
70
32.9
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
100
47
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
130
61.1
61.1
k
W
Resistor Ratio
MUN2111T1/MUN2112T1/MUN2113T1/
MUN2136T1
MUN2114T1
MUN2115T1/MUN2116T1/MUN2140T1
MUN2130T1/MUN2131T1/MUN2132T1
MUN2133T1
MUN2134T1
MUN2137T1
R1/R2
0.8
0.17
0.8
0.055
0.38
1.7
1.0
0.21
1.0
0.1
0.47
2.1
1.2
0.25
1.2
0.185
0.56
2.6
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%.
Figure 1. Derating Curve
350
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (5°C)
RqJA= 370°C/W
250
300
LOAD
+12 V
Figure 2. Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs


Similar Part No. - MUN2133T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN2133T1 MOTOROLA-MUN2133T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN2133T1 ONSEMI-MUN2133T1 Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
MUN2133T1G ONSEMI-MUN2133T1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN2133T1G ONSEMI-MUN2133T1G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
MUN2133T1G ONSEMI-MUN2133T1G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - MUN2133T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com