Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR480E Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR480E
Description  SWITCHMODE TM Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR480E Datasheet(HTML) 2 Page - ON Semiconductor

  MUR480E_07 Datasheet HTML 1Page - ON Semiconductor MUR480E_07 Datasheet HTML 2Page - ON Semiconductor MUR480E_07 Datasheet HTML 3Page - ON Semiconductor MUR480E_07 Datasheet HTML 4Page - ON Semiconductor MUR480E_07 Datasheet HTML 5Page - ON Semiconductor MUR480E_07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MUR480E, MUR4100E
http://onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
See Note 2
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 3.0 Amps, TJ = 150°C)
(iF = 3.0 Amps, TJ = 25°C)
(iF = 4.0 Amps, TJ = 25°C)
vF
1.53
1.75
1.85
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 150°C)
(Rated dc Voltage, TJ = 25°C)
iR
900
25
mA
Maximum Reverse Recovery Time
(IF = 1.0 Amp, di/dt = 50 Amp/ms)
(IF = 0.5 Amp, iR = 1.0 Amp, IREC = 0.25 Amp)
trr
100
75
ns
Maximum Forward Recovery Time
(IF = 1.0 Amp, di/dt = 100 Amp/ms, Recovery to 1.0 V)
tfr
75
ns
Controlled Avalanche Energy (See Test Circuit in Figure 6)
WAVAL
20
mJ
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Marking
Package
Shipping
MUR480E
MUR480E
Axial Lead*
500 Units / Bulk
MUR480EG
Axial Lead*
500 Units / Bulk
MUR480ERL
Axial Lead*
1500 / Tape & Reel
MUR480ERLG
Axial Lead*
1500 / Tape & Reel
MUR480ES
MUR480ES
Axial Lead*
500 Units / Bulk
MUR480ESG
Axial Lead*
500 Units / Bulk
MUR4100E
MUR4100E
Axial Lead*
500 Units / Bulk
MUR4100EG
Axial Lead*
500 Units / Bulk
MUR4100ERL
Axial Lead*
1500 / Tape & Reel
MUR4100ERLG
Axial Lead*
1500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MUR480E_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR480EG ONSEMI-MUR480EG Datasheet
107Kb / 6P
   SWITCHMODE Power Rectifiers
February, 2008 - Rev. 8
MUR480EG ONSEMI-MUR480EG Datasheet
132Kb / 6P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 9
logo
HY ELECTRONIC CORP.
MUR480EG HY-MUR480EG Datasheet
415Kb / 3P
   Ultra Fast Glass Passivated Rectifiers
logo
ON Semiconductor
MUR480EG ONSEMI-MUR480EG_13 Datasheet
132Kb / 6P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 9
MUR480ERL ONSEMI-MUR480ERL Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifiers
April, 2003 - Rev. 4
More results

Similar Description - MUR480E_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BYW80 ONSEMI-BYW80 Datasheet
59Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 2
MUR420 ONSEMI-MUR420_06 Datasheet
67Kb / 7P
   SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
BYW29 ONSEMI-BYW29 Datasheet
56Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 1
MUR210 ONSEMI-MUR210_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
February, 2006 ??Rev. 1
MUR240 ONSEMI-MUR240_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MBR4015CTL ONSEMI-MBR4015CTL Datasheet
49Kb / 4P
   SWITCHMODE TM Power Rectifier
September, 2005 ??Rev. 4
BYV32-200 ONSEMI-BYV32-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 2
MUR260 ONSEMI-MUR260_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 4
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
MUR220 ONSEMI-MUR220_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com